Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6409
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 4 Page - Analog Devices

  LTC6409 Datasheet HTML 1Page - Analog Devices LTC6409 Datasheet HTML 2Page - Analog Devices LTC6409 Datasheet HTML 3Page - Analog Devices LTC6409 Datasheet HTML 4Page - Analog Devices LTC6409 Datasheet HTML 5Page - Analog Devices LTC6409 Datasheet HTML 6Page - Analog Devices LTC6409 Datasheet HTML 7Page - Analog Devices LTC6409 Datasheet HTML 8Page - Analog Devices LTC6409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LTC6563
4
Rev. 0
For more information www.analog.com
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSWINGDIFF
Differential Output Voltage Swing
IIN = 0 to –200µA, Tilt = 3.3V
l
1.13
1.03
1.50
VP-P
VP-P
IIN = 0 to –90µA, Tilt = 3.3V, RL_EXT = 75Ω SE on
Each Output with Center Grounded (see Figure 3)
2.4
VP-P
VOUTLOW
Output Voltage Swing Low
Single-Ended Measurement, IIN = 0 to –200µA,
Tilt = 3.3V
1.02
V
VOUTHIGH
Output Voltage Swing High
Single-Ended Measurement, IIN = 0 to –200µA,
Tilt = 3.3V
2.2
V
VCOMPLIANCE
Output Voltage Compliance
Single-Ended Measurement, IIN = 0 to –200µA,
Tilt = 3.3V
2.0
VCCO –1
V
Output Common Mode Voltage Control (CM Pin)
ACM
CM Pin Voltage Gain, CM Pin to
Differential OUT
VCM = 1.5V to 1.7V
0.95
1
1.05
V/V
TCAVCM
ACM Temperature Coefficient
9.3
(µV/V)/°C
VCM_DEFAULT
Default CM Pin Voltage
0.9
V
VCM_OS
Common Mode Offset Voltage
VOUTCM – VCM
–50
10
20
mV
TCVCM_OS
Common Mode Offset Voltage
Temperature Coefficient
VOUTCM – VCM
–0.021
mV/°C
VOUTCM_MIN
VOUTCM Minimum Voltage
VCM = 0V, ADJ00
0.38
0.43
V
VOUTCM_MAX
VOUTCM Maximum Voltage
VCM = 2.6V, ADJ11
2.2
2.3
V
RCM
CM Pin Input Resistance
16.3
kΩ
CCM
CM Pin Input Capacitance
1.5
pF
Output Clamping (HI Pin) See Note 4
VHI_DEFAULT
Default HI Pin Voltage
1.8
V
VHI_VOS
High Side Clamp Offset Voltage
VOUT(MAX) – VHI, HI = 1.7V, IIN = –200µA
–160
–65
25
mV
VLO_VOS
Low Side Clamp Offset Voltage
VOUTBAR(MIN) –(2 • VCM – VHI), HI = 1.7V,
IIN = –200µA
–50
50
150
mV
RHI
HI Pin Input Impedance
13.6
kΩ
CHI
HI Pin Input Capacitance
1.5
pF
Input Current Cancellation (OFFSET Pin)
VOFFSET_DEFAULT Default OFFSET Pin Voltage
0
V
ICANCEL_MIN
Minimum Input Cancellation Current
VOFFSET = 0V
0
μA
ICANCEL_MAX
Maximum Input Cancellation Current
VOFFSET = 3.3V, Tilt = 3.3V
200
240
μA
GOFFSET
OFFSET Pin Transconductance
(OFFSET Pin Voltage to Input Offset
Current)
VOFFSET = 0.2V to 0.4V, IIN = –40µA
–145
–110
–75
μA/V
ROFFSET
OFFSET Pin Impedance
6.6
kΩ
tS_OFFSET
Offset Voltage to Output Settling
1% of Final Value, IIN = –40µA
100
ns
Output Offset (TILT Pin)
VTILT_DEFAULT
Default Tilt Pin Voltage
2
mV
ATILT
TILT Pin Slope, TILT to Differential Out VTILT = 0.2V to 0.4V
–1.25
–1
–0.7
V/V
TCATILT
ATILT Temperature Coefficient
VTILT = 0.2V to 0.4V
–680
(µV/V)/°C
RTILT
TILT Pin Input Impedance
22.7
kΩ
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, ADJ0 = ADJ1 = PWRMD = OMUX = VCCI = HI = VCCO = 3.3V, TILT =
OFFSET = 0, VCM = 1.5V. All other input pins are floating unless stated otherwise. VOUTCM is defined as (OUT + OUT )/2 and VOUTDIFF is
defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com