Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7103
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 8Page - Analog Devices LTC7103 Datasheet HTML 9Page - Analog Devices LTC7103 Datasheet HTML 10Page - Analog Devices LTC7103 Datasheet HTML 11Page - Analog Devices LTC7103 Datasheet HTML 12Page - Analog Devices LTC7103 Datasheet HTML 13Page - Analog Devices LTC7103 Datasheet HTML 14Page - Analog Devices LTC7103 Datasheet HTML 15Page - Analog Devices LTC7103 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC7000A
12
Rev. 0
For more information www.analog.com
OPERATION
The LTC7000A/LTC7000A-1 is designed to receive a
ground-referenced, low voltage digital input signal, INP
and quickly drive and protect a high side N-channel power
MOSFET whose drain can be up to 150V above ground.
The LTC7000A/LTC7000A-1 is capable of driving a 1nF
load using a 12V bootstrapped supply voltage (VBST–VTS)
with 35ns of propagation delay and fast rise/fall times.
The high gate drive voltage reduces external power
losses associated with external MOSFET on-resistance.
The strong drivers not only provide fast turn on and off
times but hold the TGUP and TGDN to TS voltages in the
desired state in the presence of high slew rate transients
which can occur driving inductive loads at high voltages.
Overcurrent Protection
The LTC7000A/LTC7000A-1 protects a high side
N-channel MOSFET from an overcurrent condition by
monitoring the voltage across an external sense resistor
placed in series with the drain of an external MOSFET
and forcing the external MOSFET to turn off by pulling
TGDN to TS when the voltage across the sense resistor,
ΔVSNS, exceeds the current comparator threshold
voltage, ΔVTH, after a period of time set by the timing
capacitor, CT. When an overcurrent condition is detected
with ISET open, ΔVTH is internally programmed to a low
value of 30mV minimizing the external conduction loss
associated with current sensing by allowing the use of
lower value sense resistors. A resistor placed between
ISET and ground allows ΔVTH to be programmed from
20mV to 75mV.
An adjustable fault and overcurrent timer is enabled by
placing a capacitor, CT from the TIMER pin to ground
and allows the load to continue functioning during
brief overcurrent transient events while protecting the
MOSFET from long periods of high currents. An external
fault flag is available which can warn of an impending
MOSFET turn off. A fast turn-off mode where TGDN
is immediately pulled to TS due to an overcurrent is
available by connecting the TIMER pin to VCC.
Current Monitor (LTC7000A Only)
The LTC7000A provides an output voltage referenced to
ground on the IMON pin that reflects the current flowing
through the external sense resistor connected between
SNS+ and SNS– while TGUP is high. The voltage on IMON
is the voltage difference between the SNS+ and SNS– pins
multiplied by 20x and referenced to ground with a range
of 0V to 1.5V. The IMON output voltage has an output
impedance of 100kΩ and is pulled to ground with a
100kΩ resistor when INP is low.
VCC Power
Power for the MOSFET driver and internal circuitry is
derived from the VCC pin. The VCC pin voltage is gener-
ated from an internal P-channel LDO connected to VIN.
VCC can also be overdriven from a high efficiency exter-
nal source for high frequency switching applications that
require higher power delivered to external MOSFET. VCC
should never be driven higher than VIN or permanent
damage to the LTC7000A/LTC7000A-1 could occur.
(Refer to Block Diagram)
TIMING DIAGRAM
INPUT (INP)
OUTPUT (TG-TS)
INPUT RISE/FALL TIME < 10ns
tPLH
tr
tPHL
tf
90%
10%
VIH
VIL
7000A TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com