Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 2 Page - Analog Devices

Part # LT8610AC
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 2 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Operating Junction Temperature Range (Note 2)
LT8640AJ .......................................... –40°C to 150°C
Storage Temperature Range ......................–65 to 150°C
LT8640A
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE, VOUT Voltage ........................................6V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART
MARKING*
PACKAGE DESCRIPTION
TEMPERATURE
RANGE
LT8640AJUDCM#PBF
LT8640AJUDCM#TRPBF
LHNK
18-Lead (3mm × 4mm) Plastic Side Solderable QFN –40°C to 150°C
LT8640AJUDCM-3.3#PBF
LT8640AJUDCM-3.3#TRPBF
LHQQ
18-Lead (3mm × 4mm) Plastic Side Solderable QFN –40°C to 150°C
AUTOMOTIVE PRODUCTS**
LT8640AJUDCM#WPBF
LT8640AJUDCM#WTRPBF
LHNK
18-Lead (3mm × 4mm) Plastic Side Solderable QFN –40°C to 150°C
LT8640AJUDCM-3.3#WPBF LT8640AJUDCM-3.3#WTRPBF
LHQQ
18-Lead (3mm × 4mm) Plastic Side Solderable QFN –40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
LT8640A
20 19 18 17
7
8
9
10
TOP VIEW
UDCM PACKAGE
18-LEAD (3mm × 4mm) PLASTIC QFN
DEMO BOARD: θJA = 29°C/W, ψJT = 0.5°C/W
JEDEC BOARD: θJCtop = 39.5°C/W, θJCbottom = 5.4°C/W (Note 3)
EXPOSED PAD (PIN 21) IS SW, SHOULD BE SOLDERED TO PCB
NOTE: PINS 5 AND 12 ARE REMOVED. CONFIGURATION DOES NOT MATCH
JEDEC 20-LEAD PACKAGE OUTLINE
1
BIAS
INTVCC
BST
VIN1
GND1
TR/SS
RT
EN/UV
VIN2
GND2
16
15
14
13
11
2
3
4
6
21
SW
LT8640A-3.3
20 19 18 17
7
8
9
10
TOP VIEW
UDCM PACKAGE
18-LEAD (3mm × 4mm) PLASTIC QFN
DEMO BOARD: θJA = 29°C/W, ψJT = 0.5°C/W
JEDEC BOARD: θJCtop = 39.5°C/W, θJCbottom = 5.4°C/W (Note 3)
EXPOSED PAD (PIN 21) IS SW, SHOULD BE SOLDERED TO PCB
NOTE: PINS 5 AND 12 ARE REMOVED. CONFIGURATION DOES NOT MATCH
JEDEC 20-LEAD PACKAGE OUTLINE
1
BIAS
INTVCC
BST
VIN1
GND1
TR/SS
RT
EN/UV
VIN2
GND2
16
15
14
13
11
2
3
4
6
21
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com