Electronic Components Datasheet Search
  English  ▼

X  

LTC4380 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4380
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4380 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4380 Datasheet HTML 7Page - Analog Devices LTC4380 Datasheet HTML 8Page - Analog Devices LTC4380 Datasheet HTML 9Page - Analog Devices LTC4380 Datasheet HTML 10Page - Analog Devices LTC4380 Datasheet HTML 11Page - Analog Devices LTC4380 Datasheet HTML 12Page - Analog Devices LTC4380 Datasheet HTML 13Page - Analog Devices LTC4380 Datasheet HTML 14Page - Analog Devices LTC4380 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC7000A
11
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
1.0V
20mV TO 75mV
7000A BD
LOAD
CT
+
–
+
–
+
–
+
–
+
–
+
–
+
–
1.21V
LOGIC
LEVEL
SHIFT
UP
LEVEL
SHIFT
DOWN
CHARGE
PUMP
102.5µA/5µA
200
2.3V
2.3V
2.5µA
16
15
12
14
11
13
6
5
SNS+
SNS+
3.2V
SNS–
BST
TGUP
TS
TGDN
FAULT
TIMER
2
9
10
3
VCC
9R
R
1
8
7
4
RUN
VCCUV
OVLO
INP
VIN
ISET
IMON
3.5V
1.4V
1.3V
0.4V
10µA
2.3V
100k
10µA
RSNS
1M
CVCC
CB
M1
PCH
NCH
/20
3.5V TO 135V
20x
VCC
D1
(OPTIONAL)
RFLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com