Electronic Components Datasheet Search
  English  ▼

X  

MAX668 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in 關MAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX668_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX668_V01 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SYNC/SHDN and FREQ Inputs
The SYNC/SHDN pin provides both external-clock
synchronization (if desired) and shutdown control. When
SYNC/SHDN is low, all IC functions are shut down. A logic
high at SYNC/SHDN selects operation at a frequency set
by ROSC, connected from FREQ to GND. The relationship
between fOSC and ROSC is:
ROSC = 5 x 1010/fOSC
So a 500kHz operating frequency, for example, is set with
ROSC = 100kΩ.
Rising clock edges on SYNC/SHDN are interpreted as
synchronization inputs. If the sync signal is lost while
SYNC/SHDN is high, the internal oscillator takes over at
the end of the last cycle and the frequency is returned
to the rate set by ROSC. If sync is lost with SYNC/
SHDN low, the IC waits for 70μs before shutting down.
This maintains output regulation even with intermittent
sync signals. When an external sync signal is used, Idle
mode switchover at the 15mV current-sense threshold is
disabled so that Idle mode only occurs at very light loads.
Also, ROSC should be set for a frequency 15% below the
SYNC clock rate:
ROSC(SYNC) = 5 x 1010 / (0.85 x fSYNC)
Soft-Start
The MAX668/MAX669 feature a “digital” soft start which is
preset and requires no external capacitor. Upon startup,
the peak inductor increments from 1/5 of the value set by
RCS, to the full current-limit value, in five steps over 1024
cycles of fOSC or fSYNC. For example, with an fOSC of
200kHz, the complete soft-start sequence takes 5ms. See
the Typical Operating Characteristics for a photo of soft-
start operation. Soft-start is implemented: 1) when power
is first applied to the IC, 2) when exiting shutdown with
power already applied, and 3) when exiting undervoltage
lockout. The MAX669’s soft-start sequence does not start
until LDO reaches 2.5V.
Design Procedure
The MAX668/MAX669 can operate in a number of
DCDC converter configurations including step-up, SEPIC
(single-ended primary inductance converter), and flyback.
The following design discussions are limited to step-up,
although SEPIC and flyback examples are shown in the
Application Circuits section.
Setting the Operating Frequency
The MAX668/MAX669 can be set to operate from 100kHz
to 500kHz. Choice of operating frequency will depend on
number of factors:
1) Noise considerations may dictate setting (or synchronizing)
fOSC above or below a certain frequency or band of
frequencies, particularly in RF applications.
2) Higher frequencies allow the use of smaller value
(hence smaller size) inductors and capacitors.
3) Higher frequencies consume more operating power
both to operate the IC and to charge and discharge
the gate of the external FET. This tends to reduce
efficiency at light loads; however, the MAX668/
MAX669’s Idle mode feature substantially increases
light-load efficiency.
4) Higher frequencies may exhibit poorer overall efficiency
due to more transition losses in the FET; however, this
shortcoming can often be nullified by trading some
of the inductor and capacitor size benefits for lower-
resistance components.
The oscillator frequency is set by a resistor, ROSC,
connected from FREQ to GND. ROSC must be connected
whether or not the part is externally synchronized ROSC
is in each case:
ROSC = 5 x 1010 / fOSC
when not using an external clock.
ROSC(SYNC) = 5 x 1010 / (0.85 x fSYNC)
when using an external clock, fSYNC.
Setting the Output Voltage
The output voltage is set by two external resistors (R2
and R3, Figure 2, Figure 3, Figure 4, and Figure 5). First
select a value for R3 in the 10kΩ to 1MΩ range. R2 is
then given by:
R2 = R3 [(VOUT/VREF) – 1]
where VREF is 1.25V.
Determining Inductance Value
For most MAX668/MAX669 boost designs, the inductor
value (LIDEAL) can be derived from the following equation,
which picks the optimum value for stability based on the
MAX668/MAX669’s internally set slope compensation:
LIDEAL = VOUT / (4 x IOUT x fOSC)
MAX668/MAX669
1.8V to 28V Input, PWM Step-Up
Controllers in μMAX
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com