Electronic Components Datasheet Search
  English  ▼

X  

PR-03 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PR-03
Description  Power Rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PR-03 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PR-03 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PR-03 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Rail
PR-03
< Alternative power supply
< Nominal current 4 A
< Simple installation
< Standard length 50 cm, can be shortened to any length in 4 cm
steps
< Terminating insulation by end cap, included in the delivery
package
< With 2 leads for voltage supply and 1 lead for centralized error
messages
Power Rail with grid, 3 leads
Function
The Power Rail is a simple plastic insert for the DIN mounting rail according to EN 60715. It solves all of the power supply wiring problems
involved when mounting terminal blocks.
A wide range of isolators is available. These are supplied with auxiliary power by simply snapping them onto the Power Rail. The power supply to
the 2 Power Rail leads is achieved either by means of a power supply module, or via the terminal blocks of a termination board.
By comparison, the isolator power supply connections are only suitable for the supply of the individual modules. They are not suitable for the
supply of the Power Rail or to further conduct the Power Rail voltage.
The Power Rail is supplied in 50 cm sections. It can be cut every 4 cm along its length, at the positions indicated, to suit individual requirements.
Gold plated contacts are provided to ensure secure electrical contact.
Please use the standard type UPR-03 for new systems.
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - PR-03

ManufacturerPart #DatasheetDescription
logo
CUI INC
PR-002A CUI-PR-002A Datasheet
27Kb / 1P
DC POWER PLUGS
logo
CUI Devices
PR-002A CUID-PR-002A Datasheet
259Kb / 3P
DC POWER RECEPTACLE
08/05/2022
logo
CUI INC
PR-002B CUI-PR-002B Datasheet
149Kb / 3P
DC POWER JACK
logo
CUI Devices
PR-002B CUID-PR-002B Datasheet
260Kb / 3P
DC POWER RECEPTACLE
08/05/2022
More results

Similar Description - PR-03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Unisonic Technologies
V2464 UTC-V2464 Datasheet
211Kb / 8P
FAMILY OF LOW-POWER RAIL-TO-RAIL
logo
ON Semiconductor
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
Power Rail Sequencer
logo
Pepperl+Fuchs Inc.
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
M-UPR-03-S PF-M-UPR-03-S Datasheet
1Mb / 3P
Universal Power Rail
2021-04-08
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
Low-Power rail-to-rail Operational Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com