Electronic Components Datasheet Search
  English  ▼

X  

TM3AI2HG Datasheet(PDF) 1 Page - Schneider Electric

Part # TM3AI2HG
Description  Analog input module, Modicon TM3, 2 inputs high resolution (spring) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AI2HG Datasheet(HTML) 1 Page - Schneider Electric

  TM3AI2HG Datasheet HTML 1Page - Schneider Electric TM3AI2HG Datasheet HTML 2Page - Schneider Electric TM3AI2HG Datasheet HTML 3Page - Schneider Electric TM3AI2HG Datasheet HTML 4Page - Schneider Electric TM3AI2HG Datasheet HTML 5Page - Schneider Electric TM3AI2HG Datasheet HTML 6Page - Schneider Electric TM3AI2HG Datasheet HTML 7Page - Schneider Electric TM3AI2HG Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product data sheet
Specifications
Analog input module, Modicon TM3,
2 inputs high resolution (spring) 24
VDC
TM3AI2HG
Main
Range of product
Modicon TM3
Product or component type
Analog input module
Range compatibility
Modicon M221
Modicon M241
Modicon M251
Modicon M262
Analogue input number
2
Analogue input type
current 4...20 mA
current 0...20 mA
voltage 0...10 V
voltage - 10...10 V
Complementary
Analogue input resolution
16 bits
15 bits + sign
Permissible continuous
overload
13 V, analogue input type: voltage
40 mA, analogue input type: current
Input impedance
<= 50 Ohm current
>= 1 MOhm voltage
LSB value
2.44 mV 0...10 Vvoltage
4.88 mV - 10...10 Vvoltage
4.88 µA 0...20 mAcurrent
3.91 µA 4...20 mAcurrent
Conversion time
1 ms + 1 ms per channel + 1 controller cycle time
Sampling duration
1 ms
Absolute accuracy error
+/- 0.1 % of full scale at 25 °C
+/- 1 % of full scale
Temperature drift
+/- 0.006 %FS/°C
Repeat accuracy
+/-0.5 %FS
Non-linearity
+/- 0.01 %FS
Cross talk
<= 1 LSB
[Us] rated supply voltage
24 V DC
Supply voltage limits
20.4…28.8 V
Type of cable
Twisted shielded pairs cable <30 m for input circuit
Current consumption
30 mA at 5 V DC via bus connector no load
40 mA at 5 V DC via bus connector full load
25 mA at 24 V DC via external supply
 
Apr 4, 2022
1


Similar Part No. - TM3AI2HG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI2H SCHNEIDER-TM3AI2H Datasheet
197Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
Apr 4, 2022
More results

Similar Description - TM3AI2HG

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI2H SCHNEIDER-TM3AI2H Datasheet
197Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
Apr 4, 2022
TM3AI4G SCHNEIDER-TM3AI4G_V01 Datasheet
149Kb / 8P
Analog input module, Modicon TM3, 4 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI4 SCHNEIDER-TM3AI4_V01 Datasheet
147Kb / 8P
Analog input module, Modicon TM3, 4 inputs (screw) 24 VDC
Apr 4, 2022
TM3AI8G SCHNEIDER-TM3AI8G_V01 Datasheet
145Kb / 8P
Analog input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3AI8 SCHNEIDER-TM3AI8_V01 Datasheet
143Kb / 8P
Analog input module, Modicon TM3, 8 inputs (screw) 24 VDC
Apr 4, 2022
TM3AM6G SCHNEIDER-TM3AM6G_V01 Datasheet
198Kb / 8P
Input/output analog module, Modicon TM3, 4 inputs, 2 output (spring) 24 VDC
Apr 4, 2022
TM3DI16G SCHNEIDER-TM3DI16G_V01 Datasheet
157Kb / 8P
Discrete input module, Modicon TM3, 16 inputs (spring) 24 VDC
Apr 4, 2022
TM3DI8G SCHNEIDER-TM3DI8G Datasheet
155Kb / 8P
Discrete input module, Modicon TM3, 8 inputs (spring) 24 VDC
Apr 4, 2022
TM3TI4DG SCHNEIDER-TM3TI4DG Datasheet
133Kb / 8P
Analog input module, Modicon TM3, 4 temperature differential inputs (spring) 24 VDC
Apr 4, 2022
TM3TI4G SCHNEIDER-TM3TI4G_V01 Datasheet
158Kb / 9P
Analog input module, Modicon TM3, 4 / temperature inputs (spring) 24 VDC
Apr 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com