Electronic Components Datasheet Search
  English  ▼

X  

TM3DI8 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3DI8
Description  Discrete input module, Modicon TM3, 8 inputs (screw) 24 VDC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3DI8 Datasheet(HTML) 2 Page - Schneider Electric

  TM3DI8 Datasheet HTML 1Page - Schneider Electric TM3DI8 Datasheet HTML 2Page - Schneider Electric TM3DI8 Datasheet HTML 3Page - Schneider Electric TM3DI8 Datasheet HTML 4Page - Schneider Electric TM3DI8 Datasheet HTML 5Page - Schneider Electric TM3DI8 Datasheet HTML 6Page - Schneider Electric TM3DI8 Datasheet HTML 7Page - Schneider Electric TM3DI8 Datasheet HTML 8Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Height
90 mm
Depth
84.6 mm
Width
27.4 mm
Net weight
0.085 kg
Environment
Standards
EN/IEC 61131-2
EN/IEC 61010-2-201
Product certifications
C-Tick
cULus
Resistance to electrostatic
discharge
8 kV in air conforming to EN/IEC 61000-4-2
4 kV on contact conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
10 V/m 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
3 V/m 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
1 V/m 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m 50/60 Hz conforming to EN/IEC 61000-4-8
Resistance to fast transients
1 kV for I/O conforming to EN/IEC 61000-4-4
Surge withstand
1 kV I/O common mode conforming to EN/IEC 61000-4-5 DC
Resistance to conducted
disturbances
10 V 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 V spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conforming to Marine specification
(LR, ABS, DNV, GL)
Electromagnetic emission
Radiated emissions - test level: 40 dBμV/m QP class A ( 10 m) at 30…230 MHz conforming to EN/IEC
55011
Radiated emissions - test level: 47 dBμV/m QP class A ( 10 m) at 230…1000 MHz conforming to EN/
IEC 55011
Ambient air temperature for
operation
-10…35 °C vertical installation
-10…55 °C horizontal installation
Ambient air temperature for
storage
-25…70 °C
Relative humidity
10…95 %, without condensation (in operation)
10…95 %, without condensation (in storage)
IP degree of protection
IP20 with protective cover in place
Pollution degree
2
Operating altitude
0...2000 m
Storage altitude
0…3000 m
Vibration resistance
3.5 mm at 5…8.4 Hz on DIN rail
3 gn at 8.4…150 Hz on DIN rail
3.5 mm at 5…8.4 Hz on panel
3 gn at 8.4…150 Hz on panel
Shock resistance
15 gn for 11 ms
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
220.0 g
Package 1 Height
7.652 cm
Package 1 width
10.664 cm
Package 1 Length
12.68 cm
Unit Type of Package 2
CAR
Number of Units in Package 2
42
Package 2 Weight
10.32 kg
Package 2 Height
29.4 cm
2
Apr 4, 2022



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com