Electronic Components Datasheet Search
  English  ▼

X  

PDRB-30 Datasheet(PDF) 2 Page - CUI INC

Part # PDRB-30
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-30 Datasheet(HTML) 2 Page - CUI INC

  PDRB-30 Datasheet HTML 1Page - CUI INC PDRB-30 Datasheet HTML 2Page - CUI INC PDRB-30 Datasheet HTML 3Page - CUI INC PDRB-30 Datasheet HTML 4Page - CUI INC PDRB-30 Datasheet HTML 5Page - CUI INC PDRB-30 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 06/23/2021
│ page 2 of 6
CUI Inc
│ SERIES: PDRB-30 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
ac input
dc input
85
120
264
370
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
0.9
0.5
A
A
inrush current
at 115 Vac
at 230 Vac
25
45
A
A
leakage current
at 264 Vac
0.25
mA
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
48 Vdc output model
12,000
6,000
5,000
1,400
600
µF
µF
µF
µF
µF
initial set point accuracy
0% ~ 100% load
±2
%
line regulation
at rated load
±0.5
%
load regulation
at 230 Vac
±1.5
%
start-up time
3
s
hold-up time
at 115 Vac
at 230 Vac
12
60
ms
ms
switching frequency
65
kHz
temperature coefficient
±0.02
%/°C
no load power consumption
at 230 Vac
5 Vdc, 12 Vdc, 15 Vdc output models
24 Vdc output model
48 Vdc output model
0.3
0.8
0.4
W
W
W
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
clamp or hiccup
5 Vdc output model
12 Vdc output model
15 Vdc output model
24 Vdc output model
48 Vdc output model
7.5
16
20
36
60
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
120
%
short circuit protection
continuous, auto recovery, hiccup
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com