Electronic Components Datasheet Search
  English  ▼

X  

PDRB-60 Datasheet(PDF) 4 Page - CUI INC

Part # PDRB-60
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-60 Datasheet(HTML) 4 Page - CUI INC

  PDRB-60 Datasheet HTML 1Page - CUI INC PDRB-60 Datasheet HTML 2Page - CUI INC PDRB-60 Datasheet HTML 3Page - CUI INC PDRB-60 Datasheet HTML 4Page - CUI INC PDRB-60 Datasheet HTML 5Page - CUI INC PDRB-60 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 11/25/2020
│ page 4 of 6
CUI Inc
│ SERIES: PDRB-60 │ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
units: mm [inch]
ADJ: built-in trimpot
wire range: 24-12 AWG
tightening torque: Max 0.4 N·m
mounting rail: TS35
general tolerances: ±1.0 [±0.039]
TERMINAL
CONNECTIONS
TERMINAL
Function
1
AC (L)
2
AC (N)
3
+Vo
4
+Vo
5
-Vo
6
-Vo
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
92.66 x 52.00 x 58.00
mm
material
plastic, heat-resistant (UL94V-0)
weight
175
g
cooling
natural convection
MECHANICAL DRAWING
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com