Electronic Components Datasheet Search
  English  ▼

X  

TM241CE40R Datasheet(PDF) 3 Page - Schneider Electric

Part # TM241CE40R
Description  Logic controller, Modicon M241, 40 IO relay Ethernet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM241CE40R Datasheet(HTML) 3 Page - Schneider Electric

  TM241CE40R Datasheet HTML 1Page - Schneider Electric TM241CE40R Datasheet HTML 2Page - Schneider Electric TM241CE40R Datasheet HTML 3Page - Schneider Electric TM241CE40R Datasheet HTML 4Page - Schneider Electric TM241CE40R Datasheet HTML 5Page - Schneider Electric TM241CE40R Datasheet HTML 6Page - Schneider Electric TM241CE40R Datasheet HTML 7Page - Schneider Electric TM241CE40R Datasheet HTML 8Page - Schneider Electric TM241CE40R Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1 LED (green) for SL1
1 LED (green) for SL2
1 LED (red) for bus fault on TM4 (TM4)
1 LED per channel (green) for I/O state
1 LED (green) for Ethernet port activity
Electrical connection
removable screw terminal blockfor inputs and outputs (pitch 5.08 mm)
removable screw terminal blockfor connecting the 24 V DC power supply (pitch 5.08 mm)
Maximum cable distance
between devices
Unshielded cable: <50 m for input
Shielded cable: <10 m for fast input
Unshielded cable: <50 m for output
Shielded cable: <3 m for fast output
Insulation
Between supply and internal logic at 500 V AC
Non-insulated between supply and ground
Marking
CE
Sensor power supply
24 V DC at 400 mA supplied by the controller
Surge withstand
2 kV power lines (AC) common mode conforming to EN/IEC 61000-4-5
2 kV relay output common mode conforming to EN/IEC 61000-4-5
1 kV shielded cable common mode conforming to EN/IEC 61000-4-5
1 kV power lines (AC) differential mode conforming to EN/IEC 61000-4-5
1 kV relay output differential mode conforming to EN/IEC 61000-4-5
1 kV input common mode conforming to EN/IEC 61000-4-5
1 kV transistor output common mode conforming to EN/IEC 61000-4-5
Web services
Web server
Maximum number of
connections
8 Modbus server
8 SoMachine protocol
10 web server
4 FTP server
16 Ethernet/IP target
8 Modbus client
Number of slave
64 Modbus TCP:
16 EtherNet/IP:
Cycle time
10 ms 16 EtherNet/IP
64 ms 64 Modbus TCP
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
plate or panel with fixing kit
Height
90 mm
Depth
95 mm
Width
190 mm
Net weight
0.62 kg
Environment
Standards
ANSI/ISA 12-12-01
CSA C22.2 No 142
CSA C22.2 No 213
EN/IEC 61131-2:2007
Marine specification (LR, ABS, DNV, GL)
UL 1604
UL 508
Product certifications
RCM
CSA
cULus
IACS E10
Resistance to electrostatic
discharge
8 kV in air conforming to EN/IEC 61000-4-2
4 kV on contact conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
10 V/m 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
3 V/m 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
1 V/m 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
2 kV (power lines) conforming to EN/IEC 61000-4-4
2 kV (relay output) conforming to EN/IEC 61000-4-4
1 kV (Ethernet line) conforming to EN/IEC 61000-4-4
1 kV (serial link) conforming to EN/IEC 61000-4-4
1 kV (input) conforming to EN/IEC 61000-4-4
1 kV (transistor output) conforming to EN/IEC 61000-4-4
Resistance to conducted
disturbances
10 V 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 V 0.1...80 MHz conforming to Marine specification (LR, ABS, DNV, GL)
10 V spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conforming to Marine specification
(LR, ABS, DNV, GL)
Apr 4, 2022
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com