Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT Datasheet HTML 18Page - NXP Semiconductors PCF8545ATT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
When EFR is set to 230 kHz, then the LCD frame frequency is calculated with Equation
2:
(2)
where q is the frequency divide factor (see Table 17).
Remark: fclk(ext) is the external input clock frequency to pin OSCCLK.
When the
internal oscillator is used, the intermediate frequency may be output on the
OSCCLK pin. Its frequency is given in Table 17.
FD[4:0]
Nominal LCD frame
frequency (Hz)[1]
Divide factor, q
Intermediate clock
frequency (Hz)
0 0000
59.9
80
2 875
0 0001
70.5
68
3 382
0 0010
79.9
60
3 833
0 0011
90.4
53
4 340
0 0100
99.8
48
4 792
0 0101
108.9
44
5 227
0 0110
119.8
40
5 750
0 0111
129.5
37
6 216
0 1000
140.9
34
6 765
0 1001
149.7
32
7 188
0 1010
159.7
30
7 667
0 1011
171.1
28
8 214
0 1100
177.5
27
8 519
0 1101
191.7
25
9 200
0 1110[2]
199.7
24
9 583
0 1111
208.3
23
10 000
1 0000
217.8
22
10 455
1 0001
228.3
21
10 952
1 0010
239.6
20
11 500
1 0011
252.2
19
12 105
1 0100
266.2
18
12 778
1 0101
281.9
17
13 529
1 0110
299.5
16
14 375
1 0111 to 1 1111
not used
Table 17. Frame frequency prescaler values for 230 kHz clock operation
[1]
Nominal frame frequency calculated for the default clock frequency of 230 kHz.
[2]
Default value.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
15 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com