Electronic Components Datasheet Search
  English  ▼

X  

PCF8545ATTA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8545ATTA
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATTA Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8545ATTA Datasheet HTML 1Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 2Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 3Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 4Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 5Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 6Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 7Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 8Page - NXP Semiconductors PCF8545ATTA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
4 Ordering information
Package
Type number
Interface
type
Topside
mark
Name
Description
Version
PCF8545ATT
I2C-bus
PCF8545ATT TSSOP56 plastic thin shrink small outline package; 56
leads; body width 6.1 mm
SOT364-1
PCF8545BTT
SPI-bus
PCF8545BTT TSSOP56 plastic thin shrink small outline package; 56
leads; body width 6.1 mm
SOT364-1
Table 1. Ordering information
4.1 Ordering options
Type number
Orderable part number Package
Packing method[1] Minimum
order
quantity
Temperature
PCF8545ATT/AJ[2]
TSSOP56
reel 13 inch q1 non
dry pack
2000
Tamb = -40 °C to +85 °C
PCF8545ATT/A
PCF8545ATT/AY
TSSOP56
reel 13 inch q1 dry
pack
2000
Tamb = -40 °C to +85 °C
PCF8545BTT/AJ[3]
TSSOP56
reel 13 inch q1 non
dry pack
2000
Tamb = -40 °C to +85 °C
PCF8545BTT/A
PCF8545BTT/AY
TSSOP56
reel 13 inch q1 dry
pack
2000
Tamb = -40 °C to +85 °C
Table 2. Ordering options
[1]
Standard packing quantities and other packaging data are available at www.nxp.com/packages/.
[2]
Discontinuation Notice 202107021DN - drop in replacement is PCF8545ATT/AY - this is documented in PCN202102010F01.
[3]
Discontinuation Notice 202107021DN - drop in replacement is PCF8545BTT/AY - this is documented in PCN202102010F01.
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 4 October 2021
2 / 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com