Electronic Components Datasheet Search
  English  ▼

X  

TM5PCDPS Datasheet(PDF) 2 Page - Schneider Electric

Part # TM5PCDPS
Description  Profibus DP communication module, Modicon TM5, slave link, PCI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5PCDPS Datasheet(HTML) 2 Page - Schneider Electric

  TM5PCDPS Datasheet HTML 1Page - Schneider Electric TM5PCDPS Datasheet HTML 2Page - Schneider Electric TM5PCDPS Datasheet HTML 3Page - Schneider Electric TM5PCDPS Datasheet HTML 4Page - Schneider Electric TM5PCDPS Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Resistance to electrostatic
discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic
fields
1 V/m 2...2.7 GHz conforming to EN/IEC 61000-4-3
10 V/m 80 MHz...2 GHz conforming to EN/IEC 61000-4-3
Resistance to fast transients
1 kV (I/O) conforming to EN/IEC 61000-4-4
1 kV (shielded cable) conforming to EN/IEC 61000-4-4
2 kV (power lines) conforming to EN/IEC 61000-4-4
Surge withstand
0.5 kV differential mode conforming to EN/IEC 61000-4-5
1 kV common mode conforming to EN/IEC 61000-4-5
Electromagnetic compatibility
EN/IEC 61000-4-6
Disturbance radiated/
conducted
CISPR 11
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
65.0 g
Package 1 Height
3 cm
Package 1 width
6 cm
Package 1 Length
10.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
48
Package 2 Weight
3.12 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
PVC free
Yes
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
Contractual warranty
Warranty
18 months
2
Apr 6, 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com