Electronic Components Datasheet Search
  English  ▼

X  

PI3B3253 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3B3253
Description  3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3253 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3B3253 Datasheet HTML 1Page - Diodes Incorporated PI3B3253 Datasheet HTML 2Page - Diodes Incorporated PI3B3253 Datasheet HTML 3Page - Diodes Incorporated PI3B3253 Datasheet HTML 4Page - Diodes Incorporated PI3B3253 Datasheet HTML 5Page - Diodes Incorporated PI3B3253 Datasheet HTML 6Page - Diodes Incorporated PI3B3253 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.diodes.com
September 2017
Diodes Incorporated
PI3B3253
Document Number DS40212 Rev 1-2
Features
• Near-Zeropropagationdelay
• 5Ωswitchesconnectinputstooutputs
• FastSwitchingSpeed:5.2nsmax.
• UltraLowQuiescentPower(0.2µAtypical)
–Ideallysuitedfornotebookapplications
• Pincompatiblewith74series253logicdevices
• Packaging(Pb-free&Greenavailable):
–16-pin,QSOP(Q)
–16-pin,TSSOP(L)
–16-pin,UQFN(ZHD)
Block Diagram
Truth Table(1)
Enable
Select
YA
YB
Function
EA
EB
S1
S0
H
X
X
X
Hi-Z
X
Disable A
X
H
X
X
X
Hi-Z
Disable B
L
L
L
L
IA0
IB0
S1-0 = 0
L
L
L
H
IA1
IB1
S1-0 = 1
L
L
H
L
IA2
IB2
S1-0 = 2
L
L
H
H
IA3
IB3
S1-0 = 3
Description
ThePI3B3253isa3.3V,Dual4:1Multi-plexer/Demultiplexerwith
Hi-Z outputs that is pinout compatible with the PI74FCT253T,
74F253,and74ALS/AS/LS253.Inputscanbeconnectedtooutputs
withlowOn-Resistance(5Ω)withnoadditionalgroundbounce
noiseorpropagationdelay.
Pin Configuration
(QSOP, TSSOP)
Pin Description
Pin Name
Description
IAN, IBN
Data Inputs
S0-1
Select Inputs
EA, EB
Enable
YA, YB
Data Outputs
GND
Ground
VCC
Power
Note:
1.
H = High Voltage Level, L = Low Voltage Level
I
Y
E
SW
IA0
EA
EB
S0
S1
IA1
IA2
IA3
IB0
IB1
IB2
IB3
YA
YB
SW
SW
SW
SW
SW
SW
SW
SW
1
2
3
4
5
16
6
15
7
14
8
13
12
11
10
9
VCC
S0
IB3
IB2
IB1
IB0
YB
YA
EA
GND
S1
IA3
IA2
IA1
IA0
EB
A product Line of
Diodes Incorporated
PI3B3253
3.3V, Dual 4:1 Mux/DeMux NanoSwitch™
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
S1
I 3
A
I 0
B
I 1
B
B
Y
EA
I 2
A
I 2
B
Pin Configuration
(UQFN)


Similar Part No. - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B3253L PERICOM-PI3B3253L Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B3253LE PERICOM-PI3B3253LE Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B3253LE PERICOM-PI3B3253LE Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
More results

Similar Description - PI3B3253

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3257 DIODES-PI3B3257_V01 Datasheet
1Mb / 8P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
April 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com