Electronic Components Datasheet Search
  English  ▼

X  

LN155 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN155
Description  GaAs Infrared Light Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN155 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN155 Datasheet HTML 1Page - Panasonic Semiconductor LN155 Datasheet HTML 2Page - Panasonic Semiconductor LN155 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Infrared Light Emitting Diodes
LNA2603F
∆P
O — Ta
10
1
Ambient temperature
Ta (˚C )
IF = 50mA
– 40
0
40
80
10 –1
IFP — Duty cycle
10 2
10
1
10 –1
10 –2
Duty cycle (%)
10 –1
10
10 2
1
10 –3
10 –2
tw = 10µs
Ta = 25˚C
∆P
O — IFP
10 3
10 2
10
1
Pulse forward current
I
FP (mA)
10 3
10 4
10 2
10 –2
10 –1
110
(1) tw = 10µs
f = 100Hz
(2) DC
Ta = 25˚C
IF — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IFP — VF
10 4
10 3
10 2
10
1
Forward voltage
V
F (V)
135
24
10 –1
0
tw = 10µs
f = 100Hz
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
0
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
IF = 100mA
1mA
50mA
λ
P — Ta
1000
980
960
940
920
900
Ambient temperature
Ta (˚C )
IF = 50mA
– 40
0
40
80
120
Spectral characteristics
100
80
60
40
20
Wavelength
λ (nm)
900
940
980
1020
1060
1100
0
860
IF = 50mA
Ta = 25˚C
Directivity characteristics
0˚
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
100˚
110˚
120˚
130˚
140˚
20
100
80
60
40
(1)
(2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com