Electronic Components Datasheet Search
  English  ▼

X  

AD5624R Datasheet(PDF) 21 Page - Analog Devices

Part # AD5624R
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5624R Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5624R Datasheet HTML 17Page - Analog Devices AD5624R Datasheet HTML 18Page - Analog Devices AD5624R Datasheet HTML 19Page - Analog Devices AD5624R Datasheet HTML 20Page - Analog Devices AD5624R Datasheet HTML 21Page - Analog Devices AD5624R Datasheet HTML 22Page - Analog Devices AD5624R Datasheet HTML 23Page - Analog Devices AD5624R Datasheet HTML 24Page - Analog Devices AD5624R Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5624R/AD5644R/AD5664R
Rev. D | Page 21 of 28
At this stage, the SYNC line can be kept low or be brought high. In
either case, it must be brought high for a minimum of 15 ns before
the next write sequence so that a falling edge of SYNC can initiate
the next write sequence.
Because the SYNC buffer draws more current when VIN = 2 V
than it does when VIN = 0.8 V, SYNC should be idled low
between write sequences for even lower power operation. As
mentioned previously, it must, however, be brought high again
just before the next write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 53). The first
two bits are don’t care bits. The next three are the command
bits, C2 to C0 (see Table 8), followed by the 3-bit DAC address,
A2 to A0 (see Table 9), and then the 16-, 14-, 12-bit data-word.
The data-word comprises the 16-, 14-, 12-bit input code
followed by 0, 2, or 4 don’t care bits, for the AD5664R,
AD5644R, and AD5624R, respectively (see Figure 53, Figure 54,
and Figure 55). These data bits are transferred to the DAC
register on the 24th falling edge of SCLK.
Table 8. Command Definition
C2
C1
C0
Command
0
0
0
Write to input register n
0
0
1
Update DAC register n
0
1
0
Write to input register n, update all
(software LDAC)
0
1
1
Write to and update DAC channel n
1
0
0
Power down DAC (power-up)
1
0
1
Reset
1
1
0
LDAC register setup
1
1
1
Internal reference setup (on/off)
Table 9. Address Command
A2
A1
A0
Address (n)
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
1
1
All DACs
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at least
24 falling edges of SCLK, and the DAC is updated on the 24th
falling edge. However, if SYNC is brought high before the 24th
falling edge, then this acts as an interrupt to the write sequence.
The input shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see Figure 56).
X
X
C2
C1
C0
A2
A1
A0
D15
D14 D13
D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 53. AD5664R Input Shift Register Contents
X
X
C2
C1
C0
A2
A1
A0
XX
D11
D10
D13
D12
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 54. AD5644R Input Shift Register Contents
X
X
C2
C1
C0
A2
A1
A0
X
XXX
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 55. AD5624R Input Shift Register Contents
DIN
DB23
DB23
DB0
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
Figure 56. SYNC Interrupt Facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com