Electronic Components Datasheet Search
  English  ▼

X  

AD630 Datasheet(PDF) 18 Page - Analog Devices

Part # AD630
Description  Balanced Modulator/Demodulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD630 Datasheet HTML 12Page - Analog Devices AD630 Datasheet HTML 13Page - Analog Devices AD630 Datasheet HTML 14Page - Analog Devices AD630 Datasheet HTML 15Page - Analog Devices AD630 Datasheet HTML 16Page - Analog Devices AD630 Datasheet HTML 17Page - Analog Devices AD630 Datasheet HTML 18Page - Analog Devices AD630 Datasheet HTML 19Page - Analog Devices AD630 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD630
Data Sheet
Rev. G | Page 18 of 20
LOCK-IN AMPLIFIER APPLICATIONS
Lock-in amplification is a technique used to separate a small,
narrow-band signal from interfering noise. The lock-in amplifier
acts as a detector and narrow-band filter combined. Very small
signals can be detected in the presence of large amounts of
uncorrelated noise when the frequency and phase of the desired
signal are known.
The lock-in amplifier is basically a synchronous demodulator
followed by a low-pass filter. An important measure of
performance in a lock-in amplifier is the dynamic range of its
demodulator. The schematic diagram of a demonstration circuit
which exhibits the dynamic range of an AD630 as it might be
used in a lock-in amplifier is shown in Figure 35. Figure 34 is an
oscilloscope photo demonstrating the large dynamic range of
the AD630. The photo shows the recovery of a signal modulated at
400 Hz from a noise signal approximately 100,000 times larger.
Figure 34. Lock-In Amplifier Waveforms
The test signal is produced by modulating a 400 Hz carrier with
a 0.1 Hz sine wave. The signals produced, for example, by chopped
radiation (that is, IR, optical) detectors may have similar low
frequency components. A sinusoidal modulation is used for
clarity of illustration. This signal is produced by a circuit similar
to Figure 28 and is shown in the upper trace of Figure 34. It is
attenuated 100,000 times normalized to the output, B, of the
summing amplifier. A noise signal that might represent, for
example, background and detector noise in the chopped radiation
case, is added to the modulated signal by the summing amplifier.
This signal is simply band limited, clipped white noise. Figure 34
shows the sum of attenuated signal plus noise in the center
trace. This combined signal is demodulated synchronously
using phase information derived from the modulator, and the
result is low-pass filtered using a 2-pole simple filter which also
provides a gain of 100 to the output. This recovered signal is the
lower trace of Figure 34.
The combined modulated signal and interfering noise used for
this illustration is similar to the signals often requiring a lock-in
amplifier for detection. The precision input performance of the
AD630 provides more than 100 dB of signal range and its
dynamic response permits it to be used with carrier frequencies
more than two orders of magnitude higher than in this example.
A more sophisticated low-pass output filter aids in rejecting
wider bandwidth interference.
Figure 35. Lock-In Amplifier
100
90
10
5V
5V
5s
5mV
MODULATED SIGNAL (A)
(UNATTENUATED)
ATTENUATED SIGNAL
PLUS NOISE (B)
OUTPUT
0%
C
AD630
R100R
CARRIER
PHASE
REFERENCE
CLIPPED
BAND LIMITED
WHITE NOISE
RA
Ω
0.1Hz
MODULATED
400Hz
CARRIER
2.5kΩ
+
–
RF
10kΩ
C
100R
ATTENUATOR
(100dB)
–
+
–VS
1
RINA
16
9
10
2
20
18
19
15
CH A+
CH A–
CH B+
CH B–
SELB
SELA
+VS
RF
11
OUTPUT
VOUT
COMP
CHANNEL
STATUS B
2.5kΩ
17
RINB
–
+
RB 10kΩ
AD711
RA
AD711
RB
STAR
GROUND
STAR
GROUND
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com