Electronic Components Datasheet Search
  English  ▼

X  

1401366 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1401366
Description  Branching module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1401366 Datasheet(HTML) 1 Page - Festo Corporation.

  1401366 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Branching module
PMBL-90-HP3
Part number: 1401366
Data sheet
Feature
Value
Size
90
Nominal width DN
36
Series
L
Mounting position
Any
Structural design
Branching module
Symbol
00991510
Operating pressure
0 MPa ... 5 MPa
Operating pressure
0 bar ... 50 bar
CE marking (see declaration of conformity)
as per EU pressure equipment directive
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364 zone III
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Product weight
2000 g
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Wrought aluminum alloy
4/4/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1401366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401361 PHOENIX-1401361 Datasheet
195Kb / 5P
SAC-2P-100,0-915 - Bus system cable
More results

Similar Description - 1401366

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529557 FESTO-529557 Datasheet
78Kb / 1P
Branching module
4/1/22
531956 FESTO-531956 Datasheet
78Kb / 1P
Branching module
4/1/22
536969 FESTO-536969 Datasheet
83Kb / 1P
Branching module
4/1/22
536980 FESTO-536980 Datasheet
83Kb / 1P
Branching module
4/1/22
531971 FESTO-531971 Datasheet
79Kb / 1P
Branching module
4/4/22
531972 FESTO-531972 Datasheet
78Kb / 1P
Branching module
4/4/22
536979 FESTO-536979 Datasheet
84Kb / 1P
Branching module
4/4/22
536983 FESTO-536983 Datasheet
85Kb / 1P
Branching module
4/4/22
541682 FESTO-541682 Datasheet
85Kb / 1P
Branching module
4/4/22
564145 FESTO-564145 Datasheet
86Kb / 1P
Branching module
4/4/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com