Electronic Components Datasheet Search
  English  ▼

X  

2272 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2272
Description  Roller lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2272 Datasheet(HTML) 1 Page - Festo Corporation.

  2272 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Roller lever valve
RS-3-1/8
Part number: 2272
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Actuation type
Mechanical
Standard nominal flow rate
151 l/min
Pneumatic working port
G1/8
Operating pressure
0.35 MPa ... 0.8 MPa
Operating pressure
3.5 bar ... 8 bar
Structural design
Plate seat
Reset method
Mechanical spring
Nominal width
3.5 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991111
Pilot medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Note on forced dynamization
Switching frequency min. 1/year
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
1.73 N
Product weight
104 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Aluminum
Anodized
4/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 2272

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
17-Apr-2009
logo
List of Unclassifed Man...
2272 ETC2-2272 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
2272-2 ETC2-2272-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
2272-2 ETC2-2272-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
2272-USR-TCP232-410S-ND ETC2-2272-USR-TCP232-410S-ND Datasheet
893Kb / 17P
RS232 & RS485 TO ETHERNET
V1. 1 1 02
More results

Similar Description - 2272

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
Roller lever valve
VMEF-K-M52-M-N14 FESTO-VMEF-K-M52-M-N14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
Roller lever valve
VMEF-KT-M32-M-N18 FESTO-VMEF-KT-M32-M-N18 Datasheet
89Kb / 2P
Roller lever valve
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
Roller lever valve
4/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com