Electronic Components Datasheet Search
  English  ▼

X  

2949 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2949
Description  Roller lever valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2949 Datasheet(HTML) 1 Page - Festo Corporation.

  2949 Datasheet HTML 1Page - Festo Corporation. 2949 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Roller lever valve
RS-4-1/8
Part number: 2949
Data sheet
Feature
Value
Valve function
4/2, monostable
Actuation type
Mechanical
Standard nominal flow rate
128 l/min
Pneumatic working port
G1/8
Operating pressure
0.35 MPa ... 0.8 MPa
Operating pressure
3.5 bar ... 8 bar
Structural design
Plate seat
Reset method
Mechanical spring
Nominal width
3.5 mm
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991139
Pilot medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Note on forced dynamization
Switching frequency min. 1/year
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating force
1.77 N
Product weight
230 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Pneumatic connection 4
G1/8
Note on materials
RoHS-compliant
Seals material
NBR
4/8/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 2949

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2949 KR-2949 Datasheet
52Kb / 2P
1000 MHz Bandpass
logo
Heyco.
2949 HEYCO-2949 Datasheet
401Kb / 1P
Wire Connectors
logo
KR Electronics, Inc.
2949-SMA KR-2949-SMA Datasheet
100Kb / 3P
1000 MHz Bandpass Filter
logo
ABB
29491725-1 ABB-29491725-1 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
logo
ERNI Electronics
294919 ERNI-294919 Datasheet
62Kb / 1P
M 1,27 SRC P, 10-polig BA1
More results

Similar Description - 2949

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
Roller lever valve
VMEF-K-M52-M-N14 FESTO-VMEF-K-M52-M-N14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
Roller lever valve
VMEF-KT-M32-M-N18 FESTO-VMEF-KT-M32-M-N18 Datasheet
89Kb / 2P
Roller lever valve
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
Roller lever valve
4/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com