Electronic Components Datasheet Search
  English  ▼

X  

4937 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4937
Description  Swivel lever valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4937 Datasheet(HTML) 1 Page - Festo Corporation.

  4937 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Swivel lever valve
RW/O-3-1/8
Part number: 4937
Data sheet
Feature
Value
Valve function
3/2, open/closed, monostable
Actuation type
Mechanical
Standard nominal flow rate
140 l/min
Pneumatic working port
G1/8
Operating pressure
-0.95 bar ... 8 bar
Structural design
Piston seat
Nominal width
3.5 mm
Type of control
Direct
Symbol
00991835
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
-10 °C ... 60 °C
Actuating force
28 N
Product weight
150 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Seals material
NBR
Housing material
Aluminum, anodized
4/8/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 4937

ManufacturerPart #DatasheetDescription
logo
Heyco.
4937 HEYCO-4937 Datasheet
122Kb / 1P
Filter Insert Vent Plugs
logo
List of Unclassifed Man...
49375 ETC2-49375 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
Dormer Pramet
493752 DORMER-493752 Datasheet
16Kb / 1P
A130 HSS Morse Taper Shank Drills Metric
logo
List of Unclassifed Man...
49376 ETC2-49376 Datasheet
259Kb / 3P
Professional Quality Tweezers
49377 ETC2-49377 Datasheet
259Kb / 3P
Professional Quality Tweezers
More results

Similar Description - 4937

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
Roller lever valve
VHEF-H-B53C-G18 FESTO-VHEF-H-B53C-G18 Datasheet
83Kb / 2P
Hand lever valve
VHEF-H-P53C-M-G18 FESTO-VHEF-H-P53C-M-G18 Datasheet
88Kb / 2P
Hand lever valve
VHEF-HT-B32-G14 FESTO-VHEF-HT-B32-G14 Datasheet
87Kb / 2P
Hand lever valve
VHEF-HT-M32-M-G14 FESTO-VHEF-HT-M32-M-G14 Datasheet
87Kb / 2P
Hand lever valve
VHEF-HS-B52-G18 FESTO-VHEF-HS-B52-G18 Datasheet
92Kb / 2P
Hand lever valve
RW-3-M5 FESTO-RW-3-M5 Datasheet
85Kb / 1P
Swivel lever valve
10750 FESTO-10750 Datasheet
85Kb / 1P
Swivel lever valve
4/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com