Electronic Components Datasheet Search
  English  ▼

X  

8038490 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8038490
Description  Soft start/quick exhaust valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8038490 Datasheet(HTML) 2 Page - Festo Corporation.

  8038490 Datasheet HTML 1Page - Festo Corporation. 8038490 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Signal status display
LED
Switching outputs
Coil characteristics
24 V DC: 1.8 W
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+10 %/-15 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
RoHS-compliant
Noise level
75 dB(A)
Degree of protection
IP65
With plug socket
Temperature of medium
-10 °C ... 50 °C
Ambient temperature
-10 °C ... 50 °C
Storage temperature
-10 °C ... 50 °C
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
as per EU machinery directive
For use in the food industry
See supplementary material information
Type of mounting
Optionally:
Line installation
With accessories
Mounting position
Any
Product weight
2110 g
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Pneumatic connection 3
G1
Electrical connection
2-pin
2x plugs
Form C
as per EN 175301-803
Electrical connection, proximity sensor
2x cables with plugs
3-pin
M8
Rotatable thread
Housing material
Die-cast aluminum
Seals material
NBR
Piston rod material
High-alloy stainless steel
3/25/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com