Electronic Components Datasheet Search
  English  ▼

X  

PDRB-100 Datasheet(PDF) 1 Page - CUI INC

Part # PDRB-100
Description  AC-DC DIN RAIL POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRB-100 Datasheet(HTML) 1 Page - CUI INC

  PDRB-100 Datasheet HTML 1Page - CUI INC PDRB-100 Datasheet HTML 2Page - CUI INC PDRB-100 Datasheet HTML 3Page - CUI INC PDRB-100 Datasheet HTML 4Page - CUI INC PDRB-100 Datasheet HTML 5Page - CUI INC PDRB-100 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 11/25/2020
page 1 of 6
SERIES: PDRB-100
│ DESCRIPTION: AC-DC DIN RAIL POWER SUPPLY
MODEL
output1
voltage
output
current
output
power
ripple
and noise2
efficiency3
(Vdc)
range
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PDRB-100-12
12
12.0 ~ 13.8
7.5
90.0
120
88
PDRB-100-15
15
13.5 ~ 18.0
6.5
97.5
120
89
PDRB-100-24
24
21.6 ~ 29.0
4.2
100.8
150
90
PDRB-100-48
48
43.2 ~ 55.2
2.1
100.8
240
90
Notes:
1. Output adjustable via built-in trimpot. The actual adjustment range may extend beyond the values listed and care should be taken to ensure the output
voltage and output power do not exceed stated limits.
2. At full load, nominal input, 20 MHz bandwidth oscilloscope.
3. At 230 Vac input.
FEATURES
• universal input range (85 ~ 264 Vac)
• IEC/EN/UL 62368 certified
• designed to meet 61558 system requirements
• over Voltage Category (OVC) III design
• over voltage, over current, and short circuit protections
• 4kVac isolation input to output
• withstand up to 300 Vac input surge events
• Class B emissions
PART NUMBER KEY
Base Number
PDRB-100 - XX
Output Voltage
Additional Resources: Product Page | 3D Model


Similar Part No. - PDRB-100

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDRB-10 CUI-PDRB-10 Datasheet
579Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-10-12 CUI-PDRB-10-12 Datasheet
579Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-10-12 CUI-PDRB-10-12 Datasheet
592Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-10-15 CUI-PDRB-10-15 Datasheet
579Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-10-15 CUI-PDRB-10-15 Datasheet
592Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
More results

Similar Description - PDRB-100

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240_16 Datasheet
184Kb / 3P
AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-5 CUI-PDRB-5 Datasheet
580Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-18 CUI-PDRB-18 Datasheet
577Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-60 CUI-PDRC-60 Datasheet
486Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-300 CUI-PDRB-300 Datasheet
583Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10_V01 Datasheet
445Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
04/27/2021
PDRB-300 CUI-PDRB-300_V01 Datasheet
591Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-5 CUI-PDRB-5_V01 Datasheet
593Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-75 CUI-PDRB-75_V01 Datasheet
611Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
11/23/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com