Electronic Components Datasheet Search
  English  ▼

X  

TMC4AI2 Datasheet(PDF) 1 Page - Schneider Electric

Part # TMC4AI2
Description  Analogue input cartridge, Modicon M241, 2 analog current inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TMC4AI2 Datasheet(HTML) 1 Page - Schneider Electric

  TMC4AI2 Datasheet HTML 1Page - Schneider Electric TMC4AI2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Analogue input cartridge, Modicon
M241, 2 analog current inputs
TMC4AI2
Main
Range of product
Modicon M241
Product or component type
Analogue input cartridge
Product compatibility
Modicon M241C
Analogue input number
2
Complementary
Analogue input type
current 4...20 mA
current 0...20 mA
voltage 0...10 V
Analogue input resolution
16 bits
LSB value
1 mVvoltage
2 µAcurrent
Sampling duration
10 ms
Absolute accuracy error
+/- 0.2 % of full scale at 25 °C
Temperature drift
+/- 0.006 %FS/°C
Repeat accuracy
+/- 0.2 %FS
Non-linearity
+/- 0.05 %FS
Cross talk
80 dB
Type of cable
Twisted shielded pairs cable
Electrical connection
1 x 1.5 mm² 1 spring terminal block with pitch 3.81 mm adjustment for inputs and supply
Maximum cable distance
between devices
Twisted shielded pairs cable: <30 m for input
Insulation
Between input and internal logic at 500 V DC
Non-insulated between inputs
Supply voltage limits
20.4…28.8 V
Local signalling
1 LED (green) for PWR
Height
50 mm
Depth
21 mm
Width
34 mm
Net weight
0.055 kg
Permissible continuous
overload
40 mA, analogue input type: current
30 V, analogue input type: voltage
 
Apr 6, 2022
1


Similar Part No. - TMC4AI2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TMC4AQ2 SCHNEIDER-TMC4AQ2 Datasheet
99Kb / 2P
Analogue output cartridge, Modicon M241, 2 analog outputs
Apr 6, 2022
More results

Similar Description - TMC4AI2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM3AI2H SCHNEIDER-TM3AI2H Datasheet
197Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (screw) 24 VDC
Apr 4, 2022
TM3AI2HG SCHNEIDER-TM3AI2HG Datasheet
192Kb / 8P
Analog input module, Modicon TM3, 2 inputs high resolution (spring) 24 VDC
Apr 4, 2022
TMC2AI2 SCHNEIDER-TMC2AI2 Datasheet
105Kb / 2P
Analogue input cartridge, Modicon M221, 2 analog inputs, I/O extension
Apr 4, 2022
TMC2AQ2C SCHNEIDER-TMC2AQ2C Datasheet
104Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog current outputs, I/O extension
Apr 4, 2022
TMC2AQ2V SCHNEIDER-TMC2AQ2V Datasheet
105Kb / 2P
Analogue output cartridge, Modicon M221, 2 analog voltage outputs, I/O extension
Apr 4, 2022
TMC2HOIS01 SCHNEIDER-TMC2HOIS01 Datasheet
105Kb / 2P
Analogue input cartridge, Modicon M221, hoisting 2 analog I/O extension
Apr 4, 2022
TMC2PACK01 SCHNEIDER-TMC2PACK01 Datasheet
105Kb / 2P
Analogue input cartridge, Modicon M221, packaging 2 analog inputs, I/ O extension
Apr 4, 2022
TMC2TI2 SCHNEIDER-TMC2TI2_V01 Datasheet
108Kb / 2P
Analogue input cartridge, Modicon M221, 2 temperature inputs, I/O extension
Apr 4, 2022
TMC4AQ2 SCHNEIDER-TMC4AQ2 Datasheet
99Kb / 2P
Analogue output cartridge, Modicon M241, 2 analog outputs
Apr 6, 2022
TMC4TI2 SCHNEIDER-TMC4TI2 Datasheet
100Kb / 2P
Analogue input cartridge, Modicon M241, 2 temperature inputs
Apr 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com