Electronic Components Datasheet Search
  English  ▼

X  

AOJS50 Datasheet(PDF) 2 Page - ETA-USA

Part # AOJS50
Description  50W AC/DC Universal Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

AOJS50 Datasheet(HTML) 2 Page - ETA-USA

  AOJS50 Datasheet HTML 1Page - ETA-USA AOJS50 Datasheet HTML 2Page - ETA-USA AOJS50 Datasheet HTML 3Page - ETA-USA AOJS50 Datasheet HTML 4Page - ETA-USA AOJS50 Datasheet HTML 5Page - ETA-USA AOJS50 Datasheet HTML 6Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.3
0.8
AOJS50
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
ETA-USA
The Power Professionals
50W AC/DC
INPUT
110V
220V
110V
220V
Function
Isolation
Environment
Dimension
Emission
1
Safety
-
Voltage, Frequency
Current
Typical
Inrush Current
Typical
Leakage Current Max 220V
Over Voltage Protection
Parallel/Series Operation
Cooling /O.T.P
Input-Output
Input-F.G
Output-F.G
Operating temp. & Humidity
Vibration
Size(LxWxH) /Weight
Storage temp. & Humidity
V
A
A
mA
V
A
-
-
-
-
-
-
-
-
mm/g
-
Over Current Protection
Impact
-
UL 60950-1, 2nd Ed+AM1+AM2, Line Emission Complies with EN55022-B
99x97x36/560g
AC100V-240V (AC88V~64V or DC125V~370V),
50/60Hz (47-63) Universal Input voltage
Work at 115%-140% of rating
Series operation possible
Convection cooling
10~55Hz @ 1G 3 minutes PERIOD, 30 minutes along X,Y & Z axis
CB, CE, UL
110V 20 (Ta=25°C, Io=100% at cold Start)
220V 40 (Ta=25°C, Io=100% at cold Start)
Work at over 110% of rating and recovers automatically
AC 3,000V 1 minute current 20mA,
DC 500V 50MΩ (At room temperature & Humidity)
AC 2,000V 1 minute current 20mA,
DC 500V 50MΩ (At room temperature & Humidity)
AC 500V 1 minute current 100mA,
DC 500V 50MΩ (At room temperature & Humidity)
10G for 20ms once on each X, Y and Z axis
-10 ~+70°C, 20~90% RH(Non condensing)
-20 ~+75°C, 20~90% RH(Non condensing)
Unit
MODEL/CHANNEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com