Electronic Components Datasheet Search
  English  ▼

X  

AOJS75 Datasheet(PDF) 2 Page - ETA-USA

Part # AOJS75
Description  75W AC/DC Inrush Current Limit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

AOJS75 Datasheet(HTML) 2 Page - ETA-USA

  AOJS75 Datasheet HTML 1Page - ETA-USA AOJS75 Datasheet HTML 2Page - ETA-USA AOJS75 Datasheet HTML 3Page - ETA-USA AOJS75 Datasheet HTML 4Page - ETA-USA AOJS75 Datasheet HTML 5Page - ETA-USA AOJS75 Datasheet HTML 6Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOJS75
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
ETA-USA
The Power Professionals
75W AC/DC
15
48
Safety
Input - Output
Input - F.G
Output - F.G
Operating temp. &
Humidity
Vibration
Storage temp. &
Humidity
Current
Rated Power
120
77
240
240
86
85
129Lx98Wx38H/600
10G for 20ms, once on each X, Y, Z axis
-20 ~+75°C, 20~90% RH (Non Condensing)
10~55Hz @ 1G 3 minutes PERIOD, 30 minutes along X,Y, & Z axis
-10 ~+70°C (with derating, lo=100% to 50% when
50°C to 71°C) 20~90% RH(Non Condensing)
Works at 115~140% of rating
Works @110% of rating
40(Ta=25°C, Cold Start)
20(Ta=25°C, Cold Start)
84
AC 0.5 KV 1min., cut-off: 100mA / DC 500V 100 MO
AC 2KV 1min., cut-off: 20mA / DC 500V 100 MO
AC 3KV 1min., cut-off: 20mA / DC 500V 100 MO
1
1.6
AC100-240(AC88-264), 50/60Hz(47-440Hz)(Universal Input)
14 (AC IN 110/220V, lo=100%)
720
200
360
120
3.2
1.6
75
225
120
77
120
5
75
75
Complies with EN55011, EN55022-B, FCC-B
Size(LxWxH)/Weight
Emission
CB, CE, RU
Impact
-
ms
V
A
mV
mV
mV
mV
mV
Line Regulations
Load Regulations
Temperature Drift
Hold-up Time typ.
Voltage, Frequency
Ripple & Noise(pk-pk) (*1)
Nominal Voltage
Function
Electrical
Isolation
Environment
Dimension
A
A
%
V
A
-
-
-
-
-
-
-
-
mm/g
V
110V
220V
110V
220V
110V
220V
Current
Typical
Inrush Current
Typical
Over Voltage Protection
Efficicncy
Typ.
Over Current
Protection (*2)
INPUT
OUTPUT
AOJS75-48
AOJS75-24
AOJS75-15
24
MODEL/CHANNEL Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com