Electronic Components Datasheet Search
  English  ▼

X  

4616 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4616
Description  Quick exhaust valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4616 Datasheet(HTML) 1 Page - Festo Corporation.

  4616 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quick exhaust valve
SEU-1/8
Part number: 4616
Data sheet
Feature
Value
Valve function
Quick exhaust
Selection of additional function
With silencer
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Type of mounting
Screw-in
Standard nominal flow rate exhaust air 6->5 bar
550 l/min
Standard flow rate exhaust 6-> 0 bar
1000 l/min
Standard nominal flow rate pressurization 6->5 bar
300 l/min
Operating pressure
0.5 bar ... 10 bar
Ambient temperature
-20 °C ... 75 °C
Housing material
Die-cast zinc
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Nominal width
5 mm
Mounting position
Any
Symbol
00991460
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-20 °C ... 75 °C
Noise level
85 dB(A)
Product weight
65 g
Seals material
NBR
4/11/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 4616

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4616 3M-4616 Datasheet
735Kb / 9P
VHB Tape - Specialty Tapes
Jan-2020
logo
Shenzhen Tuofeng Semico...
4616 TUOFENG-4616 Datasheet
4Mb / 10P
N and P-Channel Enhancement Mode Power MOSFET
v1.0
logo
Heyco.
4616 HEYCO-4616 Datasheet
340Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
3M Electronics
4616-6000 3M-4616-6000 Datasheet
45Kb / 4P
100 X 100, Plug
19-Feb-1999
4616-6001 3M-4616-6001 Datasheet
45Kb / 4P
100 X 100, Plug
19-Feb-1999
More results

Similar Description - 4616

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6753 FESTO-6753 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
6822 FESTO-6822 Datasheet
88Kb / 1P
Quick exhaust valve
4/11/22
9688 FESTO-9688 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
9798 FESTO-9798 Datasheet
78Kb / 1P
Quick exhaust valve
4/11/22
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
547532 FESTO-547532 Datasheet
93Kb / 1P
Quick exhaust valve
4/11/22
547533 FESTO-547533 Datasheet
95Kb / 1P
Quick exhaust valve
4/11/22
548001 FESTO-548001 Datasheet
92Kb / 1P
Quick exhaust valve
4/11/22
548002 FESTO-548002 Datasheet
94Kb / 1P
Quick exhaust valve
4/11/22
548003 FESTO-548003 Datasheet
94Kb / 1P
Quick exhaust valve
4/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com