Electronic Components Datasheet Search
  English  ▼

X  

8992 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8992
Description  Foot valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8992 Datasheet(HTML) 1 Page - Festo Corporation.

  8992 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Foot valve
F-5-1/4-B
Part number: 8992
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Manual
Standard nominal flow rate
550 l/min
Pneumatic working port
G1/4
Operating pressure
-0.95 bar ... 10 bar
Structural design
Plate seat
Reset method
Mechanical spring
Nominal width
7 mm
Mounting position
Any
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991333
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-10 °C ... 60 °C
Actuating force
78 N
Product weight
705 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Pneumatic connection 4
G1/4
Pneumatic connection 5
G1/4
Seals material
NBR
Housing material
Die-cast aluminum
4/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8992

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
More results

Similar Description - 8992

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8986 FESTO-8986 Datasheet
99Kb / 1P
Foot valve with detent
4/10/22
8988 FESTO-8988 Datasheet
96Kb / 1P
Foot valve
4/10/22
8997 FESTO-8997 Datasheet
99Kb / 1P
Foot valve with detent
4/10/22
526984 FESTO-526984 Datasheet
98Kb / 1P
Foot valve with detent
4/10/22
526985 FESTO-526985 Datasheet
98Kb / 1P
Foot valve with detent
4/10/22
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com