Electronic Components Datasheet Search
  English  ▼

X  

10192 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 10192
Description  Front panel valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

10192 Datasheet(HTML) 1 Page - Festo Corporation.

  10192 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Front panel valve
SVS-4-1/8
Part number: 10192
Data sheet
Feature
Value
Valve function
4/2, monostable
Actuation type
Mechanical
Standard nominal flow rate
120 l/min
Pneumatic working port
G1/8
Operating pressure
0.35 MPa ... 0.8 MPa
Operating pressure
3.5 bar ... 8 bar
Structural design
Piston seat
Reset method
Mechanical spring
Sealing principle
Soft
Mounting position
Any
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991108
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Ambient temperature
-10 °C ... 60 °C
Actuating force
8 N
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Pneumatic connection 3
G1/8
Pneumatic connection 4
G1/8
Cover material
POM
Seals material
NBR
TPE-U(PU)
Housing material
Aluminum
4/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 10192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10192 ETC2-10192 Datasheet
1Mb / 14P
Avago Aveon20mm range
logo
Heyco.
10192 HEYCO-10192 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10192000 LAPP-10192000 Datasheet
155Kb / 2P
EPIC® H-BE 10 SS / H-BE 10 BS DR
31.05.2023
logo
SICK AG
1019224 SICK-1019224 Datasheet
2Mb / 7P
PHOTOELECTRIC SENSORS
1019229 SICK-1019229 Datasheet
418Kb / 7P
COMPACT PHOTOELECTRIC SENSORS
2023-08-30 08:56:31
More results

Similar Description - 10192

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
Sealed, Front Panel Mounting
logo
List of Unclassifed Man...
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
IP65 front panel protection
logo
Ralston Instruments.
QTVC-0024 RALSTON-QTVC-0024 Datasheet
315Kb / 1P
QTVC front panel
logo
Glenair, Inc.
880-003R GLENAIR-880-003R Datasheet
453Kb / 2P
Front Panel Mount Receptacle
880-009P GLENAIR-880-009P Datasheet
463Kb / 2P
Front Panel Mount Plug
logo
Visual Communications C...
L63 VCC-L63 Datasheet
371Kb / 4P
Front panel mounting
logo
Festo Corporation.
SV-3-M5 FESTO-SV-3-M5 Datasheet
97Kb / 1P
Front panel valve
SV-5-M5-B FESTO-SV-5-M5-B Datasheet
86Kb / 1P
Front panel valve
10190 FESTO-10190 Datasheet
87Kb / 1P
Front panel valve
4/10/22
10191 FESTO-10191 Datasheet
87Kb / 1P
Front panel valve
4/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com