Electronic Components Datasheet Search
  English  ▼

X  

526985 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 526985
Description  Foot valve with detent
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

526985 Datasheet(HTML) 1 Page - Festo Corporation.

  526985 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Foot valve with detent
FPB-5-1/4
Part number: 526985
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Manual
Standard nominal flow rate
550 l/min
Pneumatic working port
G1/4
Operating pressure
-0.95 bar ... 10 bar
Structural design
Plate seat
Reset method
Mechanical spring
Nominal width
7 mm
Mounting position
Any
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991334
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-10 °C ... 60 °C
Actuating force
67.5 N
Product weight
725 g
Type of mounting
With through-hole
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Pneumatic connection 3
G1/4
Seals material
NBR
Housing material
Die-cast aluminum
4/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 526985

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
526984 FESTO-526984 Datasheet
98Kb / 1P
Foot valve with detent
4/10/22
More results

Similar Description - 526985

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
PHOENIX CONTACT
2764292 PHOENIX-2764292 Datasheet
178Kb / 5P
Housing base,with snap foot
2764797 PHOENIX-2764797 Datasheet
166Kb / 5P
Housing base, with metal foot catch
2764894 PHOENIX-2764894 Datasheet
79Kb / 4P
Housing base, with metal foot catch
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8986 FESTO-8986 Datasheet
99Kb / 1P
Foot valve with detent
4/10/22
8988 FESTO-8988 Datasheet
96Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
8997 FESTO-8997 Datasheet
99Kb / 1P
Foot valve with detent
4/10/22
526984 FESTO-526984 Datasheet
98Kb / 1P
Foot valve with detent
4/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com