Electronic Components Datasheet Search
  English  ▼

X  

PBK-1 Datasheet(PDF) 1 Page - CUI INC

Part # PBK-1
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-1 Datasheet(HTML) 1 Page - CUI INC

  PBK-1 Datasheet HTML 1Page - CUI INC PBK-1 Datasheet HTML 2Page - CUI INC PBK-1 Datasheet HTML 3Page - CUI INC PBK-1 Datasheet HTML 4Page - CUI INC PBK-1 Datasheet HTML 5Page - CUI INC PBK-1 Datasheet HTML 6Page - CUI INC PBK-1 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 02/02/2018
page 1 of 7
SERIES: PBK-1
│ DESCRIPTION: AC-DC POWER SUPPLY
FEATURES
• up to 1 W continuous output
• compact SIP package
• single regulated outputs from 5~24 V
• 3,000 Vac isolation
• over current and short circuit protections
• CE, UL60950-1 safety approval
• wide input voltage: 70~400 Vdc (85~264 Vac)
• efficiency up to 68%
PART NUMBER KEY
PBK-1- XX - X
Output Voltage
Orientation
“blank” = vertical
B = right-angle
Base Number
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PBK-1-5
5
200
1
150
61
PBK-1-9
9
111
1
150
66
PBK-1-12
12
83
1
150
67
PBK-1-15
15
67
1
150
67
PBK-1-24
24
42
1
150
68
Note:
1. Measuredat20MHzbandwidth,seeTestConfigurationsection.
2. At 230 Vac.
For more information, please visit the product page.


Similar Part No. - PBK-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBK-1 CUI-PBK-1 Datasheet
555Kb / 7P
AC-DC POWER SUPPLY
PBK-1 CUI-PBK-1 Datasheet
543Kb / 7P
AC-DC POWER SUPPLY
PBK-1-12 CUI-PBK-1-12 Datasheet
394Kb / 6P
AC-DC POWER SUPPLY
PBK-1-12 CUI-PBK-1-12 Datasheet
543Kb / 7P
AC-DC POWER SUPPLY
PBK-1-12 CUI-PBK-1-12 Datasheet
555Kb / 7P
AC-DC POWER SUPPLY
More results

Similar Description - PBK-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com