Electronic Components Datasheet Search
  English  ▼

X  

PBK-1-9 Datasheet(PDF) 6 Page - CUI INC

Part # PBK-1-9
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBK-1-9 Datasheet(HTML) 6 Page - CUI INC

  PBK-1-9 Datasheet HTML 1Page - CUI INC PBK-1-9 Datasheet HTML 2Page - CUI INC PBK-1-9 Datasheet HTML 3Page - CUI INC PBK-1-9 Datasheet HTML 4Page - CUI INC PBK-1-9 Datasheet HTML 5Page - CUI INC PBK-1-9 Datasheet HTML 6Page - CUI INC PBK-1-9 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 02/02/2018
│ page 6 of 7
CUI Inc
│ SERIES: PBK-1 │ DESCRIPTION: AC-DC POWER SUPPLY
EMC RECOMMENDED CIRCUIT
Recommended External Circuit Components
MOV2
S14K350
CY1, CY2
1nF/400Vac
CX
0.1μF/275Vac
LCM
3.5mH
LDM
5mH
FUSE
1A/250V, slow blow
Figure 3
Table 3
AC (N )
AC (L)
MO V2
LC M
CX
CY1
CY2
AC -DC
C1 +
FUSE
CY0
-Vo
+Vo
L1
C2
C3
TV SRL
C4
LD M
+V in(L)
+V (c ap )
-V (c ap )
-V in(N )
+
+
Notes:
1. C1 and C3 are electrolytic capacitors. They are required for both AC input and DC input.
2.ForACinput,C1isusedasafiltercapacitor.TherecommendedC1valueis10μF/400V.
3.ForDCinput,C1isusedasanEMCfiltercapacitor.TherecommendedC1valueis10μF/400V.Whentheinputvoltageisabove370VDC,werecommenda10μF/450Vcapacitor.
4.C2andC3areoutputfilercapacitors,werecommendhighfrequencyandlowimpedanceelectrolyticcapacitors.Forcapacitanceandratedripplecurrentofcapacitorsreferto
the datasheets provided by the manufacturers, voltage derating of capacitors should be 80% or above.
5.C4isaceramiccapacitorwhichisusedtofilterhighfrequencynoise.C2,C3andL1formapi-typefiltercircuit.ForcurrentofL1andL2refertothedatasheetsprovidedby
the manufacturers, current derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails). We recommend using a 5D-9
external input NTC.
6.ForstandardEMCrequirements,pleaserefertofigure2.IfahigherEMCisrequired,pleaserefertofigure3.
7.AllspecificationsmeasuredatTa=25C,humidity<75%,115Vac&230Vacinputvoltage,andratedoutputload,unlessotherwisespecified.
Note:
Also refer to Table 2.
TYPICAL APPLICATION CIRCUIT
-V in (N )
+Vo
-Vo
AC (L)
AC (N )
C1
+
+V (c ap )
MO V1
AC -D C
C2
C3 TV S
RL
L1
C4
L2
CY 0
+V in (L)
-V (c ap )
+
+
Figure 2
Table 2
Recommended External Circuit Components
V
OUT
(Vdc)
C11
L2
C21,2
L11
C31
C4
CY0
FUSE1
TVS
NTC
MOV1
5
10μF/400V
4.7mH
150μF/35V 2.2μH 68μF/35V 0.1μF/50V 1nF/400Vac 1A/250V SMBJ7.0A 5D-9
S14K350
9
10μF/400V
4.7mH
150μF/35V 2.2μH 68μF/35V 0.1μF/50V 1nF/400Vac 1A/250V
SMBJ12A
5D-9
S14K350
12
10μF/400V
4.7mH
100μF/35V 2.2μH 68μF/35V 0.1μF/50V 1nF/400Vac 1A/250V
SMBJ20A
5D-9
S14K350
15
10μF/400V
4.7mH
100μF/35V 2.2μH 68μF/35V 0.1μF/50V 1nF/400Vac 1A/250V
SMBJ20A
5D-9
S14K350
24
10μF/400V
4.7mH
100μF/35V 2.2μH 68μF/35V 0.1μF/50V 1nF/400Vac 1A/250V
SMBJ30A
5D-9
S14K350
Note:
1. Required components.
2.When5Vdcmodelisoperatinginthe-25~0Cor55~85Crange,C2needstobea270μF/16Vsolidcapacitor.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com