Electronic Components Datasheet Search
  English  ▼

X  

SQJA84EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJA84EP
Description  Automotive N-Channel 80 V (D-S) 175 °C MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJA84EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJA84EP Datasheet HTML 1Page - Vishay Siliconix SQJA84EP Datasheet HTML 2Page - Vishay Siliconix SQJA84EP Datasheet HTML 3Page - Vishay Siliconix SQJA84EP Datasheet HTML 4Page - Vishay Siliconix SQJA84EP Datasheet HTML 5Page - Vishay Siliconix SQJA84EP Datasheet HTML 6Page - Vishay Siliconix SQJA84EP Datasheet HTML 7Page - Vishay Siliconix SQJA84EP Datasheet HTML 8Page - Vishay Siliconix SQJA84EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SQJA84EP
www.vishay.com
Vishay Siliconix
S16-1730-Rev. A, 29-Aug-16
2
Document Number: 75017
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = 250 μA
80
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 80 V
-
-
1
μA
VGS = 0 V
VDS = 80 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 80 V, TJ = 175 °C
-
-
150
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 10 A
-
0.0102
0.0125
VGS = 4.5 V
ID = 8 A
-
0.0131
0.0160
VGS = 10 V
ID = 10 A, TJ = 125 °C
-
-
0.0207
VGS = 10 V
ID = 10 A, TJ = 175 °C
-
-
0.0258
Forward Transconductance b
gfs
VDS = 15 V, ID = 10 A
-
50
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V, f = 1 MHz
-
1565
2100
pF
Output Capacitance
Coss
-
785
1100
Reverse Transfer Capacitance
Crss
-35
50
Total Gate Charge c
Qg
VGS = 10 V
VDS = 40 V, ID = 5 A
-21
35
nC
Gate-Source Charge c
Qgs
-4
-
Gate-Drain Charge c
Qgd
-3
-
Gate Resistance
Rg
f = 1 MHz
0.18
0.40
0.62
Turn-On Delay Time c
td(on)
VDD = 40 V, RL = 8 
ID  5 A, VGEN = 10 V, Rg = 1 
-11
18
ns
Rise Time c
tr
-5
10
Turn-Off Delay Time c
td(off)
-23
35
Fall Time c
tf
-7
15
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
100
A
Forward Voltage
VSD
IF = 10 A, VGS = 0
-
0.82
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com