Electronic Components Datasheet Search
  English  ▼

X  

ICS874005AG Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS874005AG
Description  PCI EXPRESS TM JITTER ATTENUATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS874005AG Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS874005AG Datasheet HTML 4Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 5Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 6Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 7Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 8Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 9Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 10Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 11Page - Integrated Circuit Systems ICS874005AG Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Integrated
Circuit
Systems, Inc.
874005AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 25, 2006
8
ICS874005
PCI EXPRESS™
JITTER ATTENUATOR
SCHEMATIC EXAMPLE
Figure 5 shows an example of ICS874005 application sche-
matic. In this example, the device is operated at V
DD=3.3V. The
R3
100
R1
10
C8
.1uf
R2
100
+
-
+
-
F_SELB
BW_SEL
CLK
C7
.1uf
F_SELA
MR
C6
.1uf
C3
10uF
C4
0.01u
OEA
(U1:4)
U1
874005_tssop24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
nQB2
nQA1
QA1
VDDO
QA0
nQAO
MR
BW_SEL
VDDA
F_SELA
VDD
OEA
CLK
nCLK
GND
GND
OEB
F_SELB
nQB0
QB0
nQB1
QB1
VDDO
QB2
R5
50
VDDO = 3.3V
Zo = 50 Ohm
OEB
Zo = 50 Ohm
Zo = 50 Ohm
(U1:23)
Zo = 50 Ohm
Zo = 50 Ohm
C5
10uf
nCLK
R6
50
LVPECL Driv er
R4
50
(U1:11)
Zo = 50 Ohm
VDD = 3.3V
decoupling capacitor should be located as close as possible
to the power pin. The input is driven by a 3.3V LVPECL driver.
FIGURE 5. ICS874005 SCHEMATIC EXAMPLE
LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 4. In a 100
Ω
differential transmission line environment, LVDS drivers
require a matched load termination of 100
Ω across near
100 Ohm Differiential Transmission Line
R1
100
3.3V
+
-
LVDS_Driv er
3.3V
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
un-used outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com