Electronic Components Datasheet Search
  English  ▼

X  

0622018663 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0622018663
Description  Daughter Card Signal Module Assembly Press-In Tool for 6-Pair by 16-Column Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622018663 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0622018663 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018663 Datasheet HTML 2Page - Molex Electronics Ltd. 0622018663 Datasheet HTML 3Page - Molex Electronics Ltd. 0622018663 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Guided, 16 Columns,
288 Circuits, Plated
Through Hole
Dimension 0.39mm,
Polarizing Key
Position A, Lead-
Free
Impact 100 Ohm
6 Pair Right-Angle
Daughtercard
Receptacle, Right
Guided, 16 Columns,
288 Circuits, Plated
Through Hole
Dimension 0.39mm,
Polarizing Key
Position C, Lead-
Free
761505326
Impact 100 Ohm
6 Pair RAM Right-
Angle Header,
Unguided, Open
Endwall, 16
Columns, 288
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
765601607
Impact 100 Ohm
6 Pair RAM Right-
Angle Header,
Unguided, Open
Endwall, 16
Columns, 288
Circuits, Pin Length
5.50mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
765601608
Impact 100 Ohm
6 Pair RAM Right-
Angle Header,
Unguided, Dual
Endwall, 16
Columns, 288
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
765601627
Impact 100 Ohm
6 Pair RAM Right-
Angle Header,
Left Guided,
Open Endwall,
16 Columns, 288
Circuits, Pin Length
4.90mm, Plated
Through Hole
Dimension 0.39mm,
Lead-Free
765603607
Impact 100 Ohm
6 Pair RAM Right-
Angle Header,
765603608



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com