Electronic Components Datasheet Search
  English  ▼

X  

TFS321 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS321
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS321 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS321 Datasheet HTML 1Page - Vectron International, Inc TFS321 Datasheet HTML 2Page - Vectron International, Inc TFS321 Datasheet HTML 3Page - Vectron International, Inc TFS321 Datasheet HTML 4Page - Vectron International, Inc TFS321 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tfs321.doc
version 1.3
30.07.2001
VI TELEFILTER
Filter Specification
TFS 321
1/5
VI TELEFILTER
Vectron International Inc.
Potsdamer Straße 18
267 Lowell Road
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
*
input:
490 Ohm // –1.6 pF
output:
490 Ohm // –1.6 pF
External coil:
175 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 321 is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies
at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 321,4 MHz without tolerance. The given
values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre
frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance
for the centre frequency fc.
D a t a
typ. value
tolerance/limit
Insertion loss
ae = amin
-
max.
6,5
dB
(Reference level)
Nominal frequency
fN
-
321,400 MHz
Centre frequency
fC
321,41
Usable signal bandwidth
-
min.
140
kHz
3 dB bandwidth
BW
-
min.
280
kHz
Relative attenuation
arel
fN ± 400 kHz
-
min.
15
dB
fN ± 400 kHz ... fN ± 600 kHz
-
min.
27
dB
fN ± 600 kHz ... fN ± 13 MHz
-
min.
35
dB
Group delay ripple
GD
fN ± 70 kHz
-
max.
2
µs
Input power level
-
max.
13
dBm
Operating temperature range
-20
°C ... +70 °C
Temperature coefficient of frequency
TC
**
-0.036
ppm/K²
Frequency inversion temperature T0
+ 20
°C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) ∆f(Hz) = TCf(ppm/K²) x (T-T0)² x fTo(MHz)
Generated:
Checked / approved:
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS321

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS321 VECTRON-TFS321 Datasheet
43Kb / 3P
Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
Application Note
More results

Similar Description - TFS321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com