Electronic Components Datasheet Search
  English  ▼

X  

AD8271 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8271
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271 Datasheet(HTML) 3 Page - Analog Devices

  AD8271 Datasheet HTML 1Page - Analog Devices AD8271 Datasheet HTML 2Page - Analog Devices AD8271 Datasheet HTML 3Page - Analog Devices AD8271 Datasheet HTML 4Page - Analog Devices AD8271 Datasheet HTML 5Page - Analog Devices AD8271 Datasheet HTML 6Page - Analog Devices AD8271 Datasheet HTML 7Page - Analog Devices AD8271 Datasheet HTML 8Page - Analog Devices AD8271 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD8271
Rev. 0 | Page 3 of 20
SPECIFICATIONS
DIFFERENCE AMPLIFIER CONFIGURATIONS
VS = ±5 to ±15 V, VREF = 0 V, G = 1, RLOAD = 2 kΩ, TA = 25°C, specifications referred to input (RTI), unless otherwise noted.
Table 2.
B Grade
A Grade
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
15
15
MHz
Slew Rate
30
30
V/μs
Settling Time to 0.01%
VS = ±15, 10 V step on output
700
800
700
800
ns
VS = ±5, 5 V step on output
550
650
550
650
ns
Settling Time to 0.001%
VS = ±15, 10 V step on output
750
900
750
900
ns
VS = ±5, 5 V step on output
600
750
600
750
ns
NOISE/DISTORTION
Harmonic Distortion + Noise
VS = ±15, f = 1 kHz,
VOUT = 10 V p-p, RLOAD = 600 Ω
110
110
dB
VS = ±5, f = 1 kHz,
VOUT = 10 V p-p, RLOAD = 600 Ω
141
141
dB
Voltage Noise1
f = 0.1 Hz to 10 Hz
1.5
1.5
μV p-p
f = 1 kHz
38
38
nV/√Hz
GAIN
Gain Error
VOUT = 10 V p-p
0.02
0.05
%
Gain Drift
TA = −40°C to +85°C
1
2
1
10
ppm/°C
Gain Nonlinearity
VOUT = 10 V p-p,
RLOAD = 10 kΩ, 2 kΩ, 600 Ω
1
1
ppm
INPUT CHARACTERISTICS
Offset2
300
600
300
1000
μV
Average Temperature Drift
TA = −40°C to +85°C
2
2
μV/°C
Common-Mode Rejection Ratio
DC to 1 kHz
80
92
74
92
dB
Power Supply Rejection Ratio
2
10
2
10
μV/V
Input Voltage Range3
−VS − 0.4
+VS + 0.4
−VS − 0.4
+VS + 0.4
V
Common-Mode Resistance4
10
10
kΩ
Bias Current
Inputs grounded
500
500
nA
OUTPUT CHARACTERISTICS
Output Swing
VS = ±15
−13.8
+13.8
−13.8
+13.8
V
VS = ±15, TA = −40°C to +85°C
−13.7
+13.7
−13.7
+13.7
V
VS = ±5
−4
+4
−4
+4
V
VS = ±5, TA = −40°C to +85°C
−3.9
+3.9
−3.9
+3.9
V
Short-Circuit Current Limit
Sourcing
100
100
mA
Sinking
60
60
mA
POWER SUPPLY
Supply Current
2.3
2.6
2.3
2.6
mA
TA = −40°C to +85°C
3.2
3.2
mA
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 Includes input bias and offset errors.
3 At voltages beyond the rails, internal ESD diodes begin to turn on. In some configurations, the input voltage range may be limited by the internal op amp (see the
section for details).
Input Voltage Range
4 Internal resistors, trimmed to be ratio matched, have ±20% absolute accuracy. Common-mode resistance was calculated with both inputs in parallel. The common-
mode impedance at only one input is 2× the resistance listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com