Electronic Components Datasheet Search
  English  ▼

X  

AD8270 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8270
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8270 Datasheet HTML 9Page - Analog Devices AD8270 Datasheet HTML 10Page - Analog Devices AD8270 Datasheet HTML 11Page - Analog Devices AD8270 Datasheet HTML 12Page - Analog Devices AD8270 Datasheet HTML 13Page - Analog Devices AD8270 Datasheet HTML 14Page - Analog Devices AD8270 Datasheet HTML 15Page - Analog Devices AD8270 Datasheet HTML 16Page - Analog Devices AD8270 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8271
Rev. 0 | Page 13 of 20
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
45
40
35
30
25
20
15
10
5
0
TEMPERATURE (°C)
+SR
–SR
Figure 34. Output Slew Rate vs. Temperature
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = ½
GAIN = 1
GAIN = 2
Figure 35. Voltage Noise Spectral Density vs. Frequency, Referred to Output
1µV/DIV
1s/DIV
GAIN = ½
GAIN = 1
GAIN = 2
Figure 36. 0.1 Hz to 10 Hz Voltage Noise, Referred to Output
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
FREQUENCY (Hz)
RLOAD = 100kΩ
RLOAD = 2kΩ
RLOAD = 600Ω
GAIN = 1
GAIN = 2
GAIN = ½
Figure 37. THD + N vs. Frequency
1
0.1
0.01
0.001
0.0001
0
25
5
10
15
20
OUTPUT AMPLITUDE (dBu)
GAIN = 1
f = 1kHz
RLOAD = 600Ω
RLOAD = 2kΩ
RLOAD = 100kΩ
Figure 38. THD + N vs. Output Amplitude, Gain = 1
10
100
1k
10k
100k
FREQUENCY (Hz)
0.1
0.01
0.001
0.0001
0.00001
GAIN = 1
VOUT = 10V p-p
HD2, RLOAD = 100kΩ
HD2, RLOAD = 2kΩ
HD2, RLOAD = 600Ω
HD3, RLOAD = 100kΩ
HD3, RLOAD = 2kΩ
HD3, RLOAD = 600Ω
Figure 39. Harmonic Distortion Products vs. Frequency, Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com