Electronic Components Datasheet Search
  English  ▼

X  

AD8270 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8270
Description  Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8270 Datasheet HTML 2Page - Analog Devices AD8270 Datasheet HTML 3Page - Analog Devices AD8270 Datasheet HTML 4Page - Analog Devices AD8270 Datasheet HTML 5Page - Analog Devices AD8270 Datasheet HTML 6Page - Analog Devices AD8270 Datasheet HTML 7Page - Analog Devices AD8270 Datasheet HTML 8Page - Analog Devices AD8270 Datasheet HTML 9Page - Analog Devices AD8270 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8273
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, G = ½, difference amplifier configuration, unless otherwise noted.
0
20
40
60
80
100
–500
–250
0
250
500
N: 1641
MEAN: –9.5
SD: 228.4
VOSO ±15V (µV/V)
Figure 4. Typical Distribution of System Offset Voltage,
G = ½, Referred to Output
CMRR ±15V (µV/V)
0
20
40
60
80
100
120
–150
–100
–50
0
50
100
150
N: 1649
MEAN: –0.59
SD: 37.3
Figure 5. Typical Distribution of CMRR, G = ½, Referred to Input
TEMPERATURE (°C)
–20
–15
–10
–5
0
5
10
15
10
15
20
REPRESENTATIVE SAMPLES
+0.09µV/V/°C
–0.05µV/V/°C
–50
–30
–10
10305070
90
110
130
Figure 6. CMRR vs. Temperature, Normalized at 25°C
TEMPERATURE (°C)
REPRESENTATIVE SAMPLES
+2.9µV/°C
–1.7µV/°C
–50
–30
–10
10305070
90
110
130
–300
–200
–100
0
100
200
300
400
Figure 7. System Offset vs. Temperature, Normalized at 25°C,
Referred to Output
TEMPERATURE (°C)
–45 –30
–15
0
15
30
45
60
75
90
105
120
–200
–150
–100
–50
0
50
100
150
REPRESENTATIVE SAMPLES
Figure 8. Gain Error vs. Temperature, Normalized at 25°C
30
20
10
0
–10
–20
–30
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
–13.5V, +11.5V
–13.5V, –11.5V
0V, +25V
VS = ±15V
0V, –25V
+13.5V, +11.5V
G = ½
+13.5V, –11.5V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Gain = ½, ±15 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com