Electronic Components Datasheet Search
  English  ▼

X  

AD9161BBCZRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD9161BBCZRL
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9161BBCZRL Datasheet HTML 10Page - Analog Devices AD9161BBCZRL Datasheet HTML 11Page - Analog Devices AD9161BBCZRL Datasheet HTML 12Page - Analog Devices AD9161BBCZRL Datasheet HTML 13Page - Analog Devices AD9161BBCZRL Datasheet HTML 14Page - Analog Devices AD9161BBCZRL Datasheet HTML 15Page - Analog Devices AD9161BBCZRL Datasheet HTML 16Page - Analog Devices AD9161BBCZRL Datasheet HTML 17Page - Analog Devices AD9161BBCZRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 14 of 144
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
VNEG_N1P2 VDD25_DAC VNEG_N1P2 VNEG_N1P2 VDD25_DAC VDD25_DAC
OUTPUT–
OUTPUT+
VDD25_DAC VDD25_DAC VNEG_N1P2 VNEG_N1P2
VSS
VSS
ISET
A
VSS
VSS
VDD25_DAC VNEG_N1P2 VNEG_N1P2 VDD25_DAC VDD25_DAC VDD25_DAC VDD25_DAC VNEG_N1P2 VNEG_N1P2 VDD25_DAC
VDD12A
VDD12A
VREF
B
CLK+
VSS
VDD25_DAC VNEG_N1P2 VNEG_N1P2 VDD25_DAC VDD25_DAC VNEG_N1P2 VNEG_N1P2 VDD25_DAC VBG_NEG
VNEG_N1P2 VDD25_DAC C
CLK–
VSS
VSS
VSS
VSS
VSS
D
VSS
VSS
VSS
VSS
VSS
VDD12_CLK E
VDD12_CLK VDD12_CLK VDD12_CLK
VSS
VSS
VSS
VSS
VSS
VDD12_CLK VDD12_CLK VDD12_CLK F
IRQ
VSS
VSS
VDD12_DCD/
DLL
VDD12_DCD/
DLL
VSS
VDD12_
DCD/DLL
VDD12_
DCD/DLL
VSS
VSS
CS
G
VSS
TX_ENABLE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
SDO
VSS
H
SERDIN7+
VDD_1P2
RESET
VSS
VSS
VSS
VSS
VSS
SCLK
VDD_1P2
SERDIN0+
J
SERDIN7–
VDD_1P2
IOVDD
DVDD
DVDD
DVDD
DVDD
DVDD
SDIO
VDD_1P2
SERDIN0–
K
VSS
VSS
DVDD_1P2
DVDD_1P2
VSS
VSS
L
SERDIN6+
VDD_1P2
VTT_1P2
VTT_1P2
VDD_1P2
SERDIN1+
M
SERDIN6–
VDD_1P2
SYSREF+
SYSREF–
VSS
VSS
PLL_CLK_
VDD12
PLL_LDO_
VDD12
VSS
VDD_1P2
SERDIN1–
N
VSS
SYNC_
VDD_3P3
VDD_1P2
VDD_1P2
DNC
VDD_1P2
VDD_1P2
PLL_LDO_
BYPASS
VDD_1P2
VDD_1P2
DNC
VDD_1P2
VDD_1P2
SYNC_
VDD_3P3
VSS
P
BIAS_VDD_
1P2
VSS
SERDIN5+
SERDIN5–
VSS
SERDIN4+
SERDIN4–
VSS
SERDIN3–
SERDIN3+
VSS
SERDIN2–
SERDIN2+
VSS
BIAS_
VDD_1P2
R
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
SYNCOUT– SYNCOUT+
DNC = DO NOT CONNECT.
–1.2V ANALOG SUPPLY V
1.2V DAC CLK SUPPLY V
DAC RF SIGNALS
REFERENCE
2.5V ANALOG SUPPLY V
SERDES INPUT
SYSREF±/SYNCOUT±
1.2V DAC SUPPLY V
SERDES 3.3V VCO SUPPLY V
CMOS I/O
IOVDD
GROUND
SERDES 1.2V SUPPLY V
Figure 4. 165-Ball CSP_BGA Pin Configuration
Table 13. 165-Ball CSP_BGA Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, A3, A4, A11, A12, B4, B5, B10, B11, C5, C6, C9, C10, C14
VNEG_N1P2
−1.2 V Analog Supply Voltage.
A2, A5, A6, A9, A10, B3, B6, B7, B8, B9, B12, C4, C7, C8,
C11, C15
VDD25_DAC
2.5 V Analog Supply Voltage.
A7
OUTPUT−
DAC Negative Current Output.
A8
OUTPUT+
DAC Positive Current Output.
A13, A14, B1, B2, C2, D2, D3, D13, D14, D15, E1, E2, E3, E13,
E14, F6, F7, F8, F9, F10, G2, G3, G8, G13, G14, H1, H3, H6,
H7, H8, H9, H10, H13, H15, J6, J7, J8, J9, J10, L1, L2, L14,
L15, N6, N7, N10, P1, P15, R2, R5, R8, R11, R14
VSS
Supply Return. Connect these pins to ground.
A15
ISET
Reference Current. Connect this pin to VNEG_N1P2 with
a 9.6 kΩ resistor.
B13, B14
VDD12A
1.2 V Analog Supply Voltage.
B15
VREF
1.2 V Reference Input/Output. Connect this pin to VSS
with a 1 µF capacitor.
C1, D1
CLK+, CLK−
Positive and Negative DAC Clock Inputs.
C12
VBG_NEG
−1.2 V Reference. Connect this pin to VNEG_N1P2 with
a 0.1 µF capacitor.
E15, F1, F2, F3, F13, F14, F15
VDD12_CLK
1.2 V Clock Supply Voltage.
G1
IRQ
Interrupt Request Output (Active Low, Open Drain).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com