Electronic Components Datasheet Search
  English  ▼

X  

AD8205 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8205
Description  Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 1 Page - Analog Devices

  AD8205 Datasheet HTML 1Page - Analog Devices AD8205 Datasheet HTML 2Page - Analog Devices AD8205 Datasheet HTML 3Page - Analog Devices AD8205 Datasheet HTML 4Page - Analog Devices AD8205 Datasheet HTML 5Page - Analog Devices AD8205 Datasheet HTML 6Page - Analog Devices AD8205 Datasheet HTML 7Page - Analog Devices AD8205 Datasheet HTML 8Page - Analog Devices AD8205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Very Low Distortion, Dual-Channel,
High Precision Difference Amplifier
AD8273
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2010 Analog Devices, Inc. All rights reserved.
FEATURES
±4000 V HBM ESD
Very low distortion
0.00025% THD + N (20 kHz)
0.0015% THD + N (100 kHz)
Drives 600 Ω loads
Two gain settings
Gain of ½ (−6 dB)
Gain of 2 (+6 dB)
0.05% maximum gain error
10 ppm/°C maximum gain drift
Excellent ac specifications
20 V/μs minimum slew rate
800 ns to 0.01% settling time
High accuracy dc performance
77 dB minimum CMRR
700 μV maximum offset voltage
14-lead SOIC package
Supply current: 2.5 mA maximum per channel
Supply range: ±2.5 V to ±18 V
APPLICATIONS
ADC drivers
High performance audio
Instrumentation amplifier building blocks
Level translators
Automatic test equipment
Sine/cosine encoders
FUNCTIONAL BLOCK DIAGRAM
12k
Ω
+VS
–VS
12k
Ω
6k
Ω
6k
Ω
12k
Ω
12k
Ω
6k
Ω
6k
Ω
2
3
6
12
14
13
10
9
58
4
11
Figure 1.
GENERAL DESCRIPTION
The AD8273 is a low distortion, dual-channel amplifier with
internal gain setting resistors. With no external components, it
can be configured as a high performance difference amplifier
(G = ½ or 2), inverting amplifier (G = ½ or 2), or noninverting
amplifier (G = 1½ or 3).
The AD8273 operates on both single and dual supplies and only
requires 2.5 mA maximum supply current for each amplifier. It
is specified over the industrial temperature range of −40°C to
+85°C and is fully RoHS compliant.
Table 1. Difference Amplifiers by Category
Low
Distortion
High
Voltage
Single-Supply
Unidirectional
Single-Supply
Bidirectional
AD8270
AD628
AD8202
AD8205
AD8273
AD629
AD8203
AD8206
AD8274
AD8216
AMP03


Similar Part No. - AD8205

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
Single-Supply 42 V System Difference Amplifier
4/04-Revision 0
AD8205 AD-AD8205 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8205 AD-AD8205 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
logo
Aavid, Thermal Division...
AD8205 AAVID-AD8205 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8205 AAVID-AD8205 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results

Similar Description - AD8205

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8270 AD-AD8270 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8274 AD-AD8274 Datasheet
428Kb / 16P
Very Low Distortion, Precision Difference Amplifier
REV. A
logo
Aavid, Thermal Division...
AD8274 AAVID-AD8274_11 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
logo
Analog Devices
AD8479 AD-AD8479 Datasheet
409Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
REV. 0
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
Very High Common-Mode Voltage Precision Difference Amplifier
9/15-Rev. 0 to Rev. A
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com