Electronic Components Datasheet Search
  English  ▼

X  

AD8216 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8216
Description  Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8216 Datasheet(HTML) 2 Page - Analog Devices

  AD8216 Datasheet HTML 1Page - Analog Devices AD8216 Datasheet HTML 2Page - Analog Devices AD8216 Datasheet HTML 3Page - Analog Devices AD8216 Datasheet HTML 4Page - Analog Devices AD8216 Datasheet HTML 5Page - Analog Devices AD8216 Datasheet HTML 6Page - Analog Devices AD8216 Datasheet HTML 7Page - Analog Devices AD8216 Datasheet HTML 8Page - Analog Devices AD8216 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8273
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
Maximum Power Dissipation ..................................................... 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions..............................5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation ...................................................................... 12
 
Configurations............................................................................ 12
 
Power Supplies ............................................................................ 12
 
Outline Dimensions ....................................................................... 14
 
Ordering Guide .......................................................................... 14
 
REVISION HISTORY
8/10—Rev. A to Rev. B
Changes to Data Sheet Title ............................................................ 1
Changes to THD + Noise (THD + N) Parameter, Gain
Nonlinearity Parameter, and Offset vs. Power Supply Parameter,
Table 2 ................................................................................................ 3
Changed −12A Pin to −INA Pin, +12A Pin to +INA Pin, +12B
Pin to INB Pin, −12B Pin to −INB Pin, +6B Pin to REFB Pin,
−6B Pin to SENSEB
Pin, −6A Pin to SENSEA Pin, and +6A Pin
to REFA Pin Throughout ................................................................ 5
Changes to Figure 3 and Table 4..................................................... 5
1/09—Rev. 0 to Rev. A
Changes to Product Title, Features Section, and Applications
Section................................................................................................ 1
Added Human Body Model (HBM) ESD Rating Parameter,
Table 3 ................................................................................................ 4
Changes to Figure 6 to Figure 9 ...................................................... 6
Changes to Figure 10 to Figure 12.................................................. 7
Changes to Figure 18........................................................................ 8
Deleted Figure 31; Renumbered Sequentially ............................ 10
Added Figure 31 to Figure 33; Renumbered Sequentially ........ 10
Added Figure 34 to Figure 36........................................................ 11
1/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com