Electronic Components Datasheet Search
  English  ▼

X  

AD8271ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8271ARMZ
Description  Programmable Gain Precision Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8271ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8271ARMZ Datasheet HTML 6Page - Analog Devices AD8271ARMZ Datasheet HTML 7Page - Analog Devices AD8271ARMZ Datasheet HTML 8Page - Analog Devices AD8271ARMZ Datasheet HTML 9Page - Analog Devices AD8271ARMZ Datasheet HTML 10Page - Analog Devices AD8271ARMZ Datasheet HTML 11Page - Analog Devices AD8271ARMZ Datasheet HTML 12Page - Analog Devices AD8271ARMZ Datasheet HTML 13Page - Analog Devices AD8271ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8271
Rev. 0 | Page 10 of 20
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
10
5
0
–5
–10
–15
–20
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = ½
GAIN = 1
GAIN = 2
Figure 16. Gain vs. Frequency
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 2, ½
GAIN = 1
Figure 17. CMRR vs. Frequency
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VS = ±15V
VS = ±5V
Figure 18. Output Voltage Swing vs. Large-Signal Frequency Response
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 2, ½
GAIN = 1
Figure 19. Positive PSRR vs. Frequency
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 2, ½
GAIN = 1
Figure 20. Negative PSRR vs. Frequency
4
3
2
1
0
–1
–2
–3
–4
–10
–8
–6
–4
–2
0
2
4
8
61
TEMPERATURE (°C)
0
10V p-p INPUT
GAIN = 1
RLOAD = 10kΩ, 2kΩ, 600Ω
Figure 21. Gain Nonlinearity, Gain = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com