Electronic Components Datasheet Search
  English  ▼

X  

MAX11081 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11081
Description  12-Channel, High-Voltage Battery-Pack Fault Monitors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11081 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11081 Datasheet HTML 17Page - Maxim Integrated Products MAX11081 Datasheet HTML 18Page - Maxim Integrated Products MAX11081 Datasheet HTML 19Page - Maxim Integrated Products MAX11081 Datasheet HTML 20Page - Maxim Integrated Products MAX11081 Datasheet HTML 21Page - Maxim Integrated Products MAX11081 Datasheet HTML 22Page - Maxim Integrated Products MAX11081 Datasheet HTML 23Page - Maxim Integrated Products MAX11081 Datasheet HTML 24Page - Maxim Integrated Products MAX11081 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
shorted together, but Cell 1 must always be populated.
The designer can choose which cell inputs to leave
unused. The example application circuits recommended
are the most efficient configurations.
At power-up, the part compares the voltage applied to
each cell input with a nominal cell-detection threshold
voltage of 0.7V. If the cell voltage is less than the cell-
detection threshold, undervoltage detection is disabled
for that cell input. If the voltage at the input is 0.7V or
greater, undervoltage detection is specified by the state
of the UVSEL_ inputs. Overvoltage detection is always
enabled for all cell-voltage inputs. The cell-connection
detection occurs just before the MAX11080/MAX11081
are fully functional as shown in Figure 12 under NUMBER
OF CELLS DETECTED.
TOPSEL Function
The TOPSEL pin is used to indicate to a device whether
it is the top device in the daisy-chain stack. The top
daisy-chain device is responsible for generating the
heartbeat signal at the top of the ALRM_ pin bus. This
heartbeat propagates along the chain toward the host.
To designate a device as the top device, the TOPSEL
pin should be connected to VAA. For all other devices
in a daisy-chain, this pin should be connected to
AGND. The TOPSEL pin has a weak internal pulldown
resistor, but this resistor should not be relied upon as
the sole means of setting the TOPSEL logic level. The
logic level of the TOPSEL pin is not latched internally at
startup and is continuously sampled during operation.
The ALRMU input should be connected to GNDU for the
top module as good design practice to prevent noise
pickup even though the input logic level is ignored.
For a single device or DC-coupled daisy-chain applica-
tion, the device can be operated in an alarm level mode
instead of heartbeat mode by tying TOPSEL to AGND for
all devices. In this mode of operation, ALRML passes the
signal of ALRMU when the device is not in the alarm state.
ALRML drives high when the device is in the alarm state.
ALRMU must be tied to GNDU for the topmost device for
this application. The following table summarizes the
operation of TOPSEL and ALRML for level mode:
Internal Self-Test
The MAX11080/MAX11081 perform an internal self-test
during power-up according to the linear regulator
power-up flowchart (Figure 12). Each overvoltage com-
parator is tested for the ability to detect an internally
generated overvoltage test condition. This is done by
using the ground voltage level as the threshold refer-
ence in place of the usual threshold level. Figure 8
shows the connection for this test-mode compare level.
If all comparators can detect the internally generated
overvoltage test event, part operation continues. If any
comparator fails to detect the internally generated over-
voltage test event, a fault is signaled using the ALRML
pin. The device must be power cycled to retest the
comparators and attempt to clear this fault condition.
Failure Mode and Effects Analysis
High-voltage battery-pack systems can be subjected to
severe stresses during in-service fault conditions and
could experience similar conditions during the manufac-
turing and assembly process. The MAX11080/MAX11081
are designed with high regard to these potential states.
Open and short circuits at the package level must be
readily detected for fault diagnosis and should be toler-
ated whenever possible. A number of circuits are
employed within the MAX11080/MAX11081 specifically
to detect such conditions and progress to a known
device state. Table 3 summarizes other conditions typi-
cal in a normal manufacturing process along with their
effect on the MAX11080/MAX11081 devices.
See Table 4 for the FMEA analysis of the MAX11080/
MAX11081. If the cell voltage is within the monitor
range, the heartbeat signal on ALRML resumes once
the fault condition (either open or short) is removed,
unless otherwise specified.
12-Channel, High-Voltage
Battery-Pack Fault Monitors
______________________________________________________________________________________
21
ALRML
TOPSEL
ALRMU
No alarm
Alarm
00
ALRMU
1
1X
Heartbeat
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com