Electronic Components Datasheet Search
  English  ▼

X  

MAX31790 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31790
Description  6-Channel PWM-Output Fan RPM Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31790 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31790 Datasheet HTML 1Page - Maxim Integrated Products MAX31790 Datasheet HTML 2Page - Maxim Integrated Products MAX31790 Datasheet HTML 3Page - Maxim Integrated Products MAX31790 Datasheet HTML 4Page - Maxim Integrated Products MAX31790 Datasheet HTML 5Page - Maxim Integrated Products MAX31790 Datasheet HTML 6Page - Maxim Integrated Products MAX31790 Datasheet HTML 7Page - Maxim Integrated Products MAX31790 Datasheet HTML 8Page - Maxim Integrated Products MAX31790 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
(VCC = +3.0V to +5.5V, TA = -40°C to +125°C, timing referenced to VIL(MAX) and VIH(MIN), unless otherwise noted.) (Notes 3, 8)
(Figure 1)
(Notes 3)
Note 2: All voltages referenced to ground. Currents entering the IC are specified as positive.
Note 3: Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and rel-
evant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 4: SDA = SCL = VCC, PWM active with PWM_FREQUENCY = 25kHz.
Note 5: The watchdog timer is derived from fTOSC and the watchdog timer accuracy specifications do not include the oscillator’s
associated error fERR:TOSC.
Note 6: Applies to pins SDA, SCL, PWM_STARTn, WD_START, FREQ_START, SPIN_START, ADDn, TACHn, PWMOUTn, FULL_
SPEED
.
Note 7: fTOSC is used to measure fan speed by counting the number of 8192Hz (fTOSC/4) clock cycles that take place during a
selectable number of tachometer periods. For internal oscillator only, typical frequency shift due to aging is within ±0.5%.
Aging stressing includes level 1 moisture reflow preconditioning (24hr +125°C bake, 168hr +85°C/85%RH moisture soak,
and three solder reflow passes +260°C +0°C/-5°C peak) followed by 192hr (max) VCC biased.
Note 8: All timing specifications are guaranteed by design.
Note 9: A master device must provide a hold time of at least 300ns for the SDA signal to bridge the undefined region of SCL’s falling
edge.
Note 10:CB—total capacitance of one bus line in pF.
Note 11:Holding the SDA line low for a time greater than tTIMEOUT causes the device to reset SDA to the idle state of the serial bus
communication (SDA set high).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Receive SCL/SDA Fall
Time
tF
(Note 10)
300
ns
Minimum Receive SCL/SDA Fall
Time
tF
(Note 10)
20 + 0.1 x CB
ns
Transmit SDA Fall Time
tF
10pF P CB P 400pF (Note 10)
20 +
0.1 x
CB
250
ns
Pulse Width of Suppressed Spike
tSP
35
ns
SDA Time Low for Reset of Serial
Interface
tTIMEOUT
(Note 11)
25
45
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crystal Oscillator Startup Time
1
s
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
50
kI
Load Capacitance
CL
12
pF
I2C AC Electrical Characteristics (continued)
External Crystal Parameters
www.maximintegrated.com
Maxim Integrated │ 4
MAX31790
6-Channel PWM-Output Fan RPM Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com