Electronic Components Datasheet Search
  English  ▼

X  

AD9986 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9986
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986 Datasheet(HTML) 1 Page - Analog Devices

  AD9986_V01 Datasheet HTML 1Page - Analog Devices AD9986_V01 Datasheet HTML 2Page - Analog Devices AD9986_V01 Datasheet HTML 3Page - Analog Devices AD9986_V01 Datasheet HTML 4Page - Analog Devices AD9986_V01 Datasheet HTML 5Page - Analog Devices AD9986_V01 Datasheet HTML 6Page - Analog Devices AD9986_V01 Datasheet HTML 7Page - Analog Devices AD9986_V01 Datasheet HTML 8Page - Analog Devices AD9986_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Data Sheet
AD9986
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Flexible reconfigurable radio common platform design
►
Transmit/receive channel bandwidth up to 1.2 GHz/2.4 GHz
(4T2R)
►
RFDAC/RFADC RF frequency range up to 7.5 GHz
►
On-chip PLL with multichip synchronization
►
External RFCLK input option
►
Versatile digital features
►
Configurable digital up/down conversion (DDC and DUC)
►
8 fine complex DUCs and 4 coarse complex DUCs
►
8 fine complex DDCs and 4 coarse complex DDCs, 2
independent
►
48-bit NCO per DUC/DDC
►
Programmable 192-tap PFIR filter for receive equalization
►
Supports 4 different profile settings loaded via GPIO
►
Receive AGC support
►
Fast detect with low latency for fast AGC control
►
Signal monitor for slow AGC control
►
Dedicated AGC support pins
►
Transmit DPD support
►
Programmable delay and gain per transmit data path
►
Coarse DDC delay adjust for DPD observation path
►
Auxiliary features
►
Power amplifier downstream protection circuitry
►
On-chip temperature monitoring unit
►
Programmable GPIO pins supporting different user configura-
tions
►
ADC clock driver with selectable divide ratios
►
TDD power savings option and sharing ADCs
►
SERDES JESD204B/JESD204C interface, 16 lanes up to
24.75 Gbps
►
8 lanes per each DAC and ADC
►
JESD204B compatible with maximum 15.5 Gbps lane rate
►
JESD204C compatible with maximum 24.75 Gbps lane rate
►
Supports real or complex digital data (8-bit, 12-bit, 16-bit, or
24-bit)
►
15 mm × 15 mm, 324-ball BGA with 0.8 mm pitch
APPLICATIONS
►
Wireless communications infrastructure
►
W-CDMA, LTE, LTE-A, Massive-MIMO
►
Microwave point-to-point, E-band, and 5G mm Wave
►
Broadband communications systems
►
DOCSIS 3.1 and 4.0 CMTS
►
Communications test and measurement system
GENERAL DESCRIPTION
The AD9986 is a highly integrated device with a 16-bit, 12 GSPS
maximum sample rate RF DAC core, and a 12-bit, 6 GSPS rate
RF ADC core. The AD9986 supports four transmitter channels and
two receiver channels with four transmitter, two receiver (4T2R)
configuration. The AD9986 is well suited for 2-antenna and
4-antenna transmitter applications requiring a wide bandwidth ob-
servation receiver path for the digital predistortion. The AD9986
supports up to a 6 GSPS complex transmit and receive data rate
in single channel mode. The maximum radio channel bandwidth
supported is 1.2 GHz and 2.4 GHz for the transmit and receive
paths, respectively (4T2R). The AD9986 features a 16 lane, 24.75
Gbps JESD204C or 15.5 Gbps JESD204B serial data port, an
on-chip clock multiplier, and digital signal processing capability
targeted at multiband, direct-to-RF radio applications.


Similar Part No. - AD9986_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9986 AD-AD9986 Datasheet
123Kb / 5P
4T2R Direct RF Transmitter and Observation Receiver
More results

Similar Description - AD9986_V01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
IR Transmitter and Receiver
logo
rfsolutions.ltd
TX6000 RFSOLUTIONS-TX6000 Datasheet
242Kb / 5P
458MHZ RF TRANSMITTER & RECEIVER
logo
Analog Devices
AD6641 AD-AD6641 Datasheet
653Kb / 28P
250 MHz Bandwidth DPD Observation Receiver
REV. 0
AD9986 AD-AD9986 Datasheet
123Kb / 5P
4T2R Direct RF Transmitter and Observation Receiver
AD9988 AD-AD9988 Datasheet
3Mb / 40P
4T4R Direct RF Receiver and Transmitter
AD6688 AD-AD6688 Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
logo
Logic Fruit Technologie...
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
Transmitter and Receiver
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com