Electronic Components Datasheet Search
  English  ▼

X  

AD8613 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8613
Description  Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8613 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8613 Datasheet HTML 4Page - Analog Devices AD8613 Datasheet HTML 5Page - Analog Devices AD8613 Datasheet HTML 6Page - Analog Devices AD8613 Datasheet HTML 7Page - Analog Devices AD8613 Datasheet HTML 8Page - Analog Devices AD8613 Datasheet HTML 9Page - Analog Devices AD8613 Datasheet HTML 10Page - Analog Devices AD8613 Datasheet HTML 11Page - Analog Devices AD8613 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Data Sheet
Rev. E | Page 8 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
350
300
250
200
150
100
50
0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VOS (mV)
ADA4692-2
VSY = 2.7V
TA = 25°C
–0.3V ≤ VCM ≤ +1.6V
SIGNIFIES CENTER
OF BIN
Figure 9. Input Offset Voltage Distribution
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TCVOS (µV/°C)
ADA4692-2
VSY = ±1.35V
–40°C < TA < +125°C
SIGNIFIES CENTER
OF BIN
Figure 10. Input Offset Voltage Drift Distribution
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–0.5
2.5
2.0
1.5
1.0
0.5
0
VCM (V)
ADA4692-2
VSY = 2.7V
TA = 25°C
Figure 11. Input Offset Voltage vs. Common-Mode Voltage
700
600
500
400
300
200
100
0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
VOS (mV)
ADA4692-2
VSY = 5V
TA = 25°C
–0.3V ≤ VCM ≤ +3.9V
SIGNIFIES CENTER
OF BIN
Figure 12. Input Offset Voltage Distribution
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TCVOS (µV/°C)
ADA4692-2
VSY = ±2.5V
–40°C < TA < +125°C
SIGNIFIES CENTER
OF BIN
Figure 13. Input Offset Voltage Drift Distribution
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
–0.5
5.0
2.0
2.5
3.0
3.5
4.0
4.5
1.5
1.0
0.5
0
VCM (V)
ADA4692-2
VSY = 5V
TA = 25°C
Figure 14. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com