Electronic Components Datasheet Search
  English  ▼

X  

AD8692 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8692
Description  Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8692 Datasheet HTML 11Page - Analog Devices AD8692 Datasheet HTML 12Page - Analog Devices AD8692 Datasheet HTML 13Page - Analog Devices AD8692 Datasheet HTML 14Page - Analog Devices AD8692 Datasheet HTML 15Page - Analog Devices AD8692 Datasheet HTML 16Page - Analog Devices AD8692 Datasheet HTML 17Page - Analog Devices AD8692 Datasheet HTML 18Page - Analog Devices AD8692 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. E | Page 19 of 19
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
8°
0°
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65 BSC
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
0.75
0.60
0.45
COPLANARITY
0.10
SEATING
PLANE
Figure 67. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADA4691-2ACBZ-R7
−40°C to +125°C
9-Ball WLCSP
CB-9-3
A2C
ADA4691-2ACPZ-R7
−40°C to +125°C
10-Lead LFCSP
CP-10-11
A2
ADA4691-4ACPZ-R2
−40°C to +125°C
16-Lead LFCSP
CP-16-22
A2P
ADA4691-4ACPZ-R7
−40°C to +125°C
16-Lead LFCSP
CP-16-22
A2P
ADA4691-4ACPZ-RL
−40°C to +125°C
16-Lead LFCSP
CP-16-22
A2P
ADA4692-2ACPZ-R7
−40°C to +125°C
8-Lead LFCSP
CP-8-6
A3
ADA4692-2ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4692-2ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4692-2ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
ADA4692-4ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
ADA4692-4ARUZ-RL
−40°C to +125°C
14-Lead TSSOP
RU-14
1
Z = RoHS Compliant Part.
©2009–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07950-0-12/19(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com