Electronic Components Datasheet Search
  English  ▼

X  

9543 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 9543
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

9543 Datasheet(HTML) 1 Page - Festo Corporation.

  9543 Datasheet HTML 1Page - Festo Corporation. 9543 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
QH-1/2
Part number: 9543
Data sheet
Feature
Value
Valve function
2/2 bistable
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Actuation type
Manual
Type of mounting
Line installation
Standard nominal flow rate
11500 l/min
Nominal width
15 mm
Ambient temperature
-20 °C ... 180 °C
Housing material
Brass
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Water
Sealing principle
Soft
Structural design
Ball valve
4/15/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 9543

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9543 BELDEN-9543 Datasheet
213Kb / 2P
25C, #24 Str TC, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
logo
Keystone Electronics Co...
9543 KEYSTONE-9543 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9543-060100 BELDEN-9543-060100 Datasheet
213Kb / 2P
25C, #24 Str TC, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9543-0601000 BELDEN-9543-0601000 Datasheet
213Kb / 2P
25C, #24 Str TC, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9543-060500 BELDEN-9543-060500 Datasheet
213Kb / 2P
25C, #24 Str TC, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results

Similar Description - 9543

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com